Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KIC3201S-16 Arkusz danych(PDF) 6 Page - KEC(Korea Electronics)

Numer części KIC3201S-16
Szczegółowy opis  CMOS Linear Integrated Circuit Large Current Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3201S-16 Arkusz danych(HTML) 6 Page - KEC(Korea Electronics)

  KIC3201S-16 Datasheet HTML 1Page - KEC(Korea Electronics) KIC3201S-16 Datasheet HTML 2Page - KEC(Korea Electronics) KIC3201S-16 Datasheet HTML 3Page - KEC(Korea Electronics) KIC3201S-16 Datasheet HTML 4Page - KEC(Korea Electronics) KIC3201S-16 Datasheet HTML 5Page - KEC(Korea Electronics) KIC3201S-16 Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2006. 12. 11
6/6
KIC3201S/T-12 ~ KIC3201S/T-60
Revision No : 6
TIME (1msec/div)
0
2
3
-1
-2
1
800
0
400
200
600
1000
Fig. 7 Load Transient Response
(IOUT = 200mA)
Fig. 8 PSRR
FREQUENCY f (kHz)
0
0
-10
-20
-30
-40
-50
-60
1
10
1000
100
200mA
1mA
Output Voltage
Input Voltage
I
O=200mA
I
O=100mA
V
IN = 3.8VDC + 1VP-PAC
C
L = 1µF(Ceramic)
V
IN = 2.8V, CIN = CL = 1.0µF(Ceramic)


Podobny numer części - KIC3201S-16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KIC3201S-16 KEC-KIC3201S-16 Datasheet
477Kb / 5P
   CMOS Linear Integrated Circuit
KIC3201S-16 KEC-KIC3201S-16 Datasheet
385Kb / 5P
   CMOS Linear Integrated Circuit
KIC3201S-16 KEC-KIC3201S-16 Datasheet
385Kb / 5P
   SEMICONDUCTOR
More results

Podobny opis - KIC3201S-16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KIA78L05BP KEC-KIA78L05BP Datasheet
350Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
logo
List of Unclassifed Man...
78D05 ETC-78D05 Datasheet
59Kb / 6P
   LINEAR INTEGRATED CIRCUIT 3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
NTE Electronics
NTE953 NTE-NTE953 Datasheet
28Kb / 4P
   Linear Integrated Circuit 4-Terminal Positive Adjustable Voltage Regulator
logo
KEC(Korea Electronics)
KIA78L05F KEC-KIA78L05F Datasheet
346Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78M05F KEC-KIA78M05F Datasheet
422Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78DL05F KEC-KIA78DL05F Datasheet
349Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE LOW DROPOUT VOLTAGE REGULATOR)
KIA78DL05PI KEC-KIA78DL05PI Datasheet
323Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE LOW DROPOUT VOLTAGE REGULATOR)
KIC3201S KEC-KIC3201S_07 Datasheet
477Kb / 5P
   CMOS Linear Integrated Circuit
KIC3210T-018 KEC-KIC3210T-018 Datasheet
478Kb / 5P
   CMOS Linear Integrated Circuit
KIC3201S KEC-KIC3201S_15 Datasheet
385Kb / 5P
   CMOS Linear Integrated Circuit
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com