Zakładka z wyszukiwarką danych komponentów |
|
CS4334-BS Arkusz danych(PDF) 6 Page - Cirrus Logic |
|
CS4334-BS Arkusz danych(HTML) 6 Page - Cirrus Logic |
6 / 25 page CS4334/5/8/9 6 DS248F3 ANALOG CHARACTERISTICS (Continued) Notes: 2. Filter response is not tested but is guaranteed by design. 3. Response is clock dependent and will scale with Fs. Note that the response plots (Figures 15-22) have been normalized to Fs and can be de-normalized by multiplying the X-axis scale by Fs. 4. For Base-Rate Mode, the Measurement Bandwidth is 0.5465 Fs to 3 Fs. For High-Rate Mode, the Measurement Bandwidth is 0.577 Fs to 1.4 Fs. 5. De-emphasis is not available in High-Rate Mode. 6. Refer to Figure 2. Parameter Base-Rate Mode High-Rate Mode Symbol Min Typ Max Min Typ Max Unit Combined Digital and On-chip Analog Filter Response (Note 2) Passband (Note 3) to -0.05 dB corner to -0.1 dB corner to -3 dB corner 0 - 0 - - - .4780 - .4996 - 0 0 - - - - .4650 .4982 Fs Fs Fs Frequency Response 10 Hz to 20 kHz -.01 - +.08 -.05 - +.2 dB Passband Ripple - - ±.08 - - ±.2 dB StopBand .5465 - - .5770 - - Fs StopBand Attenuation (Note 4) 50 - - 55 - - dB Group Delay tgd - 9/Fs - - 4/Fs - s Passband Group Delay Deviation 0 - 40 kHz 0 - 20 kHz - ±0.36/Fs - - - ±1.39/Fs ±0.23/Fs - - s s De-emphasis Error Fs = 32 kHz Fs = 44.1 kHz Fs = 48 kHz - - - - - - +1.5/+0 +.05/-.25 -.2/-.4 (Note 5) dB dB dB Parameters Symbol Min Typ Max Units DC Accuracy Interchannel Gain Mismatch - 0.1 0.4 dB Gain Error - ±5 - % Gain Drift - 100 - ppm/°C Analog Output Full Scale Output Voltage 3.25 3.5 3.75 Vpp Quiescent Voltage VQ -2.2 - VDC Max AC-Load Resistance (Note 6) RL -3 - k Ω Max Load Capacitance (Note 6) CL - 100 - pF |
Podobny numer części - CS4334-BS |
|
Podobny opis - CS4334-BS |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |