Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS4341A-KSZ Arkusz danych(PDF) 9 Page - Cirrus Logic

Numer części CS4341A-KSZ
Szczegółowy opis  24-Bit, 192 kHz Stereo DAC with Volume Control
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4341A-KSZ Arkusz danych(HTML) 9 Page - Cirrus Logic

Back Button CS4341A-KSZ Datasheet HTML 5Page - Cirrus Logic CS4341A-KSZ Datasheet HTML 6Page - Cirrus Logic CS4341A-KSZ Datasheet HTML 7Page - Cirrus Logic CS4341A-KSZ Datasheet HTML 8Page - Cirrus Logic CS4341A-KSZ Datasheet HTML 9Page - Cirrus Logic CS4341A-KSZ Datasheet HTML 10Page - Cirrus Logic CS4341A-KSZ Datasheet HTML 11Page - Cirrus Logic CS4341A-KSZ Datasheet HTML 12Page - Cirrus Logic CS4341A-KSZ Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
CS4341A
DS582F2
9
3.5
De-Emphasis Control
The device includes on-chip digital de-emphasis. The Mode Control 2 bits select either the 32, 44.1, or 48
kHz de-emphasis filter. Figure 5 shows the de-emphasis curve for Fs equal to 44.1 kHz. The frequency
response of the de-emphasis curve will scale proportionally with changes in sample rate, Fs. Please see
section 5.2.3 for the desired de-emphasis control.
NOTE: De-emphasis is only available in Single-Speed Mode.
3.6
Recommended Power-up
Sequence
1. Hold RST low until the power supply is stable, and the master and left/right clocks are locked to
the appropriate frequences, as discussed in section 3.3. In this state, the control port is reset to its
default settings and VQ will remain low.
2. Bring RST high. The device will remain in a low power state with VQ low.
3. Load the desired register settings while keeping the PDN bit set to 1.
4. Set the PDN bit to 0. This will initiate the power-up sequence, which lasts approximately 50 µS
when the POR bit is set to 0. If the POR bit is set to 1, see section 3.7 for a complete description
of power-up timing.
LR C K
SCL K
L e ft C h a n nel
R ig h t C ha nnel
SD IN
+3 + 2 +1
+5 +4
MS B
-1 -2 -3 -4 -5
+3 +2 +1
+5 + 4
-1 -2 -3 -4
LS B
MS B
LS B
Figure 3. Left Justified up to 24-Bit Data
LR C K
SC L K
Left C hann el
SDIN
-6 -5
-4 -3 -2 -1
-7
+1 +2 +3 +4 +5
32 c lo c k s
MS B
R ight Cha nnel
LS B
MS B
+1 +2 +3 +4 +5
LS B
-6 -5
-4 -3 -2 -1
-7
MS B
Figure 4. Right Justified Data
Gain
dB
-10dB
0dB
Frequency
T2 = 15 µs
T1=50 µs
F1
F2
3.183 kHz
10.61 kHz
Figure 5. De-Emphasis Curve


Podobny numer części - CS4341A-KSZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4341A-KS CIRRUS-CS4341A-KS Datasheet
716Kb / 32P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
More results

Podobny opis - CS4341A-KSZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4391 CIRRUS-CS4391_04 Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392_04 Datasheet
1Mb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4392 CIRRUS-CS4392 Datasheet
978Kb / 42P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391 CIRRUS-CS4391 Datasheet
576Kb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391A CIRRUS-CS4391A Datasheet
748Kb / 40P
   24-BIT, 192 kHz STEREO DAC WITH VOLUME CONTROL
CS4341A CIRRUS-CS4341A Datasheet
716Kb / 32P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341 CIRRUS-CS4341_05 Datasheet
909Kb / 34P
   24-Bit, 96 kHz Stereo DAC with Volume Control
CS4341 CIRRUS-CS4341 Datasheet
923Kb / 36P
   24-Bit, 96 kHz Stereo DAC with Volume Control?
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com