Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KIC3201T-19 Arkusz danych(PDF) 5 Page - KEC(Korea Electronics)

Numer części KIC3201T-19
Szczegółowy opis  CMOS Linear Integrated Circuit Large Current Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3201T-19 Arkusz danych(HTML) 5 Page - KEC(Korea Electronics)

  KIC3201T-19 Datasheet HTML 1Page - KEC(Korea Electronics) KIC3201T-19 Datasheet HTML 2Page - KEC(Korea Electronics) KIC3201T-19 Datasheet HTML 3Page - KEC(Korea Electronics) KIC3201T-19 Datasheet HTML 4Page - KEC(Korea Electronics) KIC3201T-19 Datasheet HTML 5Page - KEC(Korea Electronics) KIC3201T-19 Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2006. 12. 11
5/6
KIC3201S/T-12 ~ KIC3201S/T-60
Revision No : 6
OUTPUT CURRENT IOUT (mA)
1.5
1.6
1.8
1.9
1.7
0
200
300
100
400
Fig. 1 IOUT - VOUT
INPUT VOLTAGE VIN (V)
1.4
1.0
1.2
1.8
2.0
1.6
01
5
34
7
6
28
Fig. 2 VIN - VOUT
INPUT VOLTAGE VIN (V)
5
20
15
0
10
04
26
8
Fig. 3 VIN - ISS
1.75
1.70
1.80
1.90
1.85
0
-20
100
60
-60
-40
40
20
80
Fig. 4 Ta - VOUT
TIME (40
µsec/div)
5
4
0
2
3
-1
1
2.6
2.2
1.4
1.8
1.5
2.0
2.4
Fig. 5 Input Transient Response
TIME (1msec/div)
0
2
-2
3
-1
1
200
120
0
40
80
160
Fig. 6 Load Transient Response
(IOUT = 40mA)
Topr = 25 C
85 C
-40 C
Topr = 25 C
85 C
-40 C
I
OUT = 1mA
=40mA
I
OUT = 1mA
= 40mA
=100mA
Ambient Temp Ta ( C)
Output Voltage
Input Voltage
Output Voltage
Input Voltage
40mA
1mA
V
IN = 2.8V
C
IN = CL = 1.0µF(Ceramic)
V
IN = 2.8V, CIN = CL = 1.0µF(Ceramic)
Topr = 25 C
C
IN = CL = 1.0µF(Ceramic)
I
OUT = 200mA, CIN = CL = 1.0µF(Ceramic), Topr = 25 C
KIC3201S/T-18


Podobny numer części - KIC3201T-19

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KIC3201T-19 KEC-KIC3201T-19 Datasheet
385Kb / 5P
   SEMICONDUCTOR
More results

Podobny opis - KIC3201T-19

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KIA78L05BP KEC-KIA78L05BP Datasheet
350Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
logo
List of Unclassifed Man...
78D05 ETC-78D05 Datasheet
59Kb / 6P
   LINEAR INTEGRATED CIRCUIT 3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
NTE Electronics
NTE953 NTE-NTE953 Datasheet
28Kb / 4P
   Linear Integrated Circuit 4-Terminal Positive Adjustable Voltage Regulator
logo
KEC(Korea Electronics)
KIA78L05F KEC-KIA78L05F Datasheet
346Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78M05F KEC-KIA78M05F Datasheet
422Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78DL05F KEC-KIA78DL05F Datasheet
349Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE LOW DROPOUT VOLTAGE REGULATOR)
KIA78DL05PI KEC-KIA78DL05PI Datasheet
323Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE LOW DROPOUT VOLTAGE REGULATOR)
KIC3201S KEC-KIC3201S_07 Datasheet
477Kb / 5P
   CMOS Linear Integrated Circuit
KIC3210T-018 KEC-KIC3210T-018 Datasheet
478Kb / 5P
   CMOS Linear Integrated Circuit
KIC3201S KEC-KIC3201S_15 Datasheet
385Kb / 5P
   CMOS Linear Integrated Circuit
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com