Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS4346-CZZ Arkusz danych(PDF) 7 Page - Cirrus Logic

Numer części CS4346-CZZ
Szczegółowy opis  10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4346-CZZ Arkusz danych(HTML) 7 Page - Cirrus Logic

Back Button CS4346-CZZ Datasheet HTML 3Page - Cirrus Logic CS4346-CZZ Datasheet HTML 4Page - Cirrus Logic CS4346-CZZ Datasheet HTML 5Page - Cirrus Logic CS4346-CZZ Datasheet HTML 6Page - Cirrus Logic CS4346-CZZ Datasheet HTML 7Page - Cirrus Logic CS4346-CZZ Datasheet HTML 8Page - Cirrus Logic CS4346-CZZ Datasheet HTML 9Page - Cirrus Logic CS4346-CZZ Datasheet HTML 10Page - Cirrus Logic CS4346-CZZ Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DS613F1
7
CS4344/5/6/8
COMBINED INTERPOLATION & ON-CHIP ANALOG FILTER RESPONSE
(The filter characteristics have been normalized to the sample rate (Fs) and can be referenced to the desired sam-
ple rate by multiplying the given characteristic by Fs.) See (Note 6)
Notes:
2.
Response is clock dependent and will scale with Fs.
3.
For Single-Speed Mode, the Measurement Bandwidth is 0.5465 Fs to 3 Fs.
For Double-Speed Mode, the Measurement Bandwidth is 0.577 Fs to 1.4 Fs.
For Quad-Speed Mode, the Measurement Bandwidth is 0.7 Fs to 1 Fs.
4.
Refer to Figure 2.
5.
De-emphasis is available only in Single-Speed Mode.
6.
Amplitude vs. Frequency plots of this data are available in “Filter Plots” on page 18.
Parameter
Symbol
Min
Typ
Max
Unit
Combined Digital and On-chip Analog Filter ResponseSingle-Speed Mode
Passband (Note 2)
to -0.1 dB corner
to -3 dB corner
0
0
-
-
.35
.4992
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-.175
-
+.01
dB
StopBand
.5465
-
-
Fs
StopBand Attenuation
(Note 3)
50
-
-
dB
Group Delay
tgd
-
10/Fs
-
s
De-emphasis Error (Note 5)
Fs = 32 kHz
Fs = 44.1 kHz
Fs = 48 kHz
-
-
-
-
-
-
+1.5/+0
+.05/-.25
-.2/-.4
dB
dB
dB
Combined Digital and On-chip Analog Filter ResponseDouble-Speed Mode
Passband (Note 2)
to +0.1 dB corner
to -3 dB corner
0
0
-
-
.22
.501
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-.15
-
+.15
dB
StopBand
.5770
-
-
Fs
StopBand Attenuation
(Note 3)
55
-
-
dB
Group Delay
tgd
-
5/Fs
-
s
Combined Digital and On-chip Analog Filter ResponseQuad-Speed Mode
Passband (Note 2)
to -0.1 dB corner
to -3 dB corner
0
0
-
-
0.110
0.469
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-.12
-
+0
dB
StopBand
0.7
-
-
Fs
StopBand Attenuation
(Note 3)
51
-
-
dB
Group Delay
tgd
-
2.5/Fs
-
s


Podobny numer części - CS4346-CZZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4346-CZZ CIRRUS-CS4346-CZZ Datasheet
882Kb / 23P
   10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
More results

Podobny opis - CS4346-CZZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4344 CIRRUS-CS4344 Datasheet
882Kb / 23P
   10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
logo
Jiaxing Heroic Technolo...
HT5010 HEROIC-HT5010 Datasheet
586Kb / 4P
   24-Bit, 192kHz Stereo D/A Converter
logo
Asahi Kasei Microsystem...
AK4430ET AKM-AK4430ET Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo
logo
Suzhou Everest Semicond...
ES7144S EVEREST-ES7144S Datasheet
335Kb / 8P
   10-pin, 24-Bit Stereo D/A Converter for PCM Audio
logo
Wolfson Microelectronic...
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
   24-bit, 192kHz Stereo CODEC
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8778 WOLFSON-WM8778_05 Datasheet
528Kb / 50P
   24-bit, 192kHz Stereo CODEC
WM8786 WOLFSON-WM8786_07 Datasheet
277Kb / 24P
   24-Bit, 192kHz Stereo ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com