Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KIC3201T-28 Arkusz danych(PDF) 2 Page - KEC(Korea Electronics)

Numer części KIC3201T-28
Szczegółowy opis  CMOS Linear Integrated Circuit Large Current Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3201T-28 Arkusz danych(HTML) 2 Page - KEC(Korea Electronics)

  KIC3201T-28 Datasheet HTML 1Page - KEC(Korea Electronics) KIC3201T-28 Datasheet HTML 2Page - KEC(Korea Electronics) KIC3201T-28 Datasheet HTML 3Page - KEC(Korea Electronics) KIC3201T-28 Datasheet HTML 4Page - KEC(Korea Electronics) KIC3201T-28 Datasheet HTML 5Page - KEC(Korea Electronics) KIC3201T-28 Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2006. 12. 11
2/6
KIC3201S/T-12 ~ KIC3201S/T-60
Revision No : 6
Line up
VOUT(V)
SOT-89
TSM
ITEM
Marking
ITEM
Marking
1.2
KIC3201S-12
A2
KIC3201T-12
B2C
1.3
KIC3201S-13
A3
KIC3201T-13
B3C
1.4
KIC3201S-14
A4
KIC3201T-14
B4C
1.5
KIC3201S-15
A5
KIC3201T-15
B5C
1.6
KIC3201S-16
A6
KIC3201T-16
B6C
1.7
KIC3201S-17
A7
KIC3201T-17
B7C
1.8
KIC3201S-18
A8
KIC3201T-18
B8C
1.9
KIC3201S-19
A9
KIC3201T-19
B9C
2.0
KIC3201S-20
B0
KIC3201T-20
C0C
2.1
KIC3201S-21
B1
KIC3201T-21
C1C
2.2
KIC3201S-22
B2
KIC3201T-22
C2C
2.3
KIC3201S-23
B3
KIC3201T-23
C3C
2.4
KIC3201S-24
B4
KIC3201T-24
C4C
2.5
KIC3201S-25
B5
KIC3201T-25
C5C
2.6
KIC3201S-26
B6
KIC3201T-26
C6C
2.7
KIC3201S-27
B7
KIC3201T-27
C7C
2.8
KIC3201S-28
B8
KIC3201T-28
C8C
2.9
KIC3201S-29
B9
KIC3201T-29
C9C
3.0
KIC3201S-30
C0
KIC3201T-30
D0C
3.1
KIC3201S-31
C1
KIC3201T-31
D1C
3.2
KIC3201S-32
C2
KIC3201T-32
D2C
3.3
KIC3201S-33
C3
KIC3201T-33
D3C
3.4
KIC3201S-34
C4
KIC3201T-34
D4C
3.5
KIC3201S-35
C5
KIC3201T-35
D5C
* Other Voltages available, Selectable in 0.05V steps Contact KEC for details


Podobny numer części - KIC3201T-28

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KIC3201T-28 KEC-KIC3201T-28 Datasheet
385Kb / 5P
   SEMICONDUCTOR
More results

Podobny opis - KIC3201T-28

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KIA78L05BP KEC-KIA78L05BP Datasheet
350Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
logo
List of Unclassifed Man...
78D05 ETC-78D05 Datasheet
59Kb / 6P
   LINEAR INTEGRATED CIRCUIT 3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
NTE Electronics
NTE953 NTE-NTE953 Datasheet
28Kb / 4P
   Linear Integrated Circuit 4-Terminal Positive Adjustable Voltage Regulator
logo
KEC(Korea Electronics)
KIA78L05F KEC-KIA78L05F Datasheet
346Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78M05F KEC-KIA78M05F Datasheet
422Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78DL05F KEC-KIA78DL05F Datasheet
349Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE LOW DROPOUT VOLTAGE REGULATOR)
KIA78DL05PI KEC-KIA78DL05PI Datasheet
323Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE LOW DROPOUT VOLTAGE REGULATOR)
KIC3201S KEC-KIC3201S_07 Datasheet
477Kb / 5P
   CMOS Linear Integrated Circuit
KIC3210T-018 KEC-KIC3210T-018 Datasheet
478Kb / 5P
   CMOS Linear Integrated Circuit
KIC3201S KEC-KIC3201S_15 Datasheet
385Kb / 5P
   CMOS Linear Integrated Circuit
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com