Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS4360-KZ Arkusz danych(PDF) 6 Page - Cirrus Logic

Numer części CS4360-KZ
Szczegółowy opis  24-Bit, 192 kHz 6 Channel D/A Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4360-KZ Arkusz danych(HTML) 6 Page - Cirrus Logic

Back Button CS4360-KZ Datasheet HTML 2Page - Cirrus Logic CS4360-KZ Datasheet HTML 3Page - Cirrus Logic CS4360-KZ Datasheet HTML 4Page - Cirrus Logic CS4360-KZ Datasheet HTML 5Page - Cirrus Logic CS4360-KZ Datasheet HTML 6Page - Cirrus Logic CS4360-KZ Datasheet HTML 7Page - Cirrus Logic CS4360-KZ Datasheet HTML 8Page - Cirrus Logic CS4360-KZ Datasheet HTML 9Page - Cirrus Logic CS4360-KZ Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
CS4360
6
DS517F2
Pin Name
#
Pin Description
VLS
1
Serial Audio Interface Power (Input) - Positive power for the serial audio interface.
SDIN1
SDIN2
SDIN3
2
3
4
Serial Audio Data Input (Input) - Input for two’s complement serial audio data.
SCLK
5
Serial Clock (Input) - Serial clock for the serial audio interface.
LRCK
6
Left Right Clock (Input) - Determines which channel, Left or Right, is currently active on the serial audio
data line.
MCLK
7
Master Clock (Input) - Clock source for the delta-sigma modulator and digital filters.
VD
8
Digital Power (Input) - Positive power supply for the digital section.
GND
9
21
Ground (Input)
RST
10
Reset (Input) - Powers down device and resets all internal resisters to their default settings.
VLC
14
Control Port Interface Power (Input) - Positive power for the control port interface.
FILT+
16
Positive Voltage Reference (Output) - Positive reference voltage for the internal sampling circuits.
VQ
17
Quiescent Voltage (Output) - Filter connection for internal quiescent voltage.
VA
22
Analog Power (Input) - Positive power supply for the analog section.
AOUTB3
AOUTA3
AOUTB2
AOUTA2
AOUTB1
AOUTA1
19
20
23
24
26
27
Analog Outputs (Output) - The full scale analog line output level is specified in the Analog Characteris-
tics and Specifications table.
MUTEC3
MUTEC2
MUTEC1
18
25
28
Mute Control (Output) - Control signal for optional mute circuit.
Control Port
Definitions
SCL/CCLK
11
Serial Control Port Clock (Input) - Serial clock for the control port interface.
SDA/CDIN
12
Serial Control Data I/O
(Input/Output) - Input/Output for I²C data. Input for SPI data.
AD0/CS
13
Address Bit / Chip Select (Input) - Chip address bit in I²C Mode. Control signal used to select the chip
in SPI mode.
Stand-Alone
Definitions
DIF1
DIF0
11
12
Digital Interface Format (Input) - Defines the required relationship between the Left Right Clock, Serial
Clock and Serial Audio Data.
M1
M2
13
15
Mode Selection (Input) - Determines the operational mode of the device.


Podobny numer części - CS4360-KZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4360-KZ CIRRUS-CS4360-KZ Datasheet
875Kb / 36P
   24-Bit, 192 kHz 6 Channel D/A Converter?
More results

Podobny opis - CS4360-KZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4360 CIRRUS-CS4360 Datasheet
875Kb / 36P
   24-Bit, 192 kHz 6 Channel D/A Converter?
CS4361 CIRRUS-CS4361 Datasheet
671Kb / 23P
   20-pin, 24-bit, 192 kHz, 6-channel D/A Converter
CS4361 CIRRUS-CS4361_08 Datasheet
703Kb / 24P
   20-Pin, 24-Bit, 192 kHz, 6-Channel D/A Converter
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4364 CIRRUS-CS4364 Datasheet
983Kb / 50P
   103 dB, 192 kHz 6-Channel D/A Converter
CS4396 CIRRUS-CS4396 Datasheet
527Kb / 28P
   24-Bit, 192 kHz D/A Converter for Digital Audio?
CS4364 CIRRUS-CS4364_08 Datasheet
1Mb / 50P
   103 dB, 192 kHz 6-Channel D/A Converter
CS4362 CIRRUS-CS4362_08 Datasheet
837Kb / 42P
   114 dB, 192 kHz 6-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com