Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS5330A Arkusz danych(PDF) 10 Page - Cirrus Logic

Numer części CS5330A
Szczegółowy opis  8-Pin, Stereo A/D Converter for Digital Audio
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5330A Arkusz danych(HTML) 10 Page - Cirrus Logic

Back Button CS5330A_06 Datasheet HTML 6Page - Cirrus Logic CS5330A_06 Datasheet HTML 7Page - Cirrus Logic CS5330A_06 Datasheet HTML 8Page - Cirrus Logic CS5330A_06 Datasheet HTML 9Page - Cirrus Logic CS5330A_06 Datasheet HTML 10Page - Cirrus Logic CS5330A_06 Datasheet HTML 11Page - Cirrus Logic CS5330A_06 Datasheet HTML 12Page - Cirrus Logic CS5330A_06 Datasheet HTML 13Page - Cirrus Logic CS5330A_06 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
DS138F5
CS5330A/31A
3.1.4
Slave Mode
LRCK and SCLK become inputs in SLAVE mode. LRCK must be externally derived from MCLK and be
equal to Fs. The frequency of SCLK should be equal to 64x LRCK, though other frequencies are possible.
MCLK frequencies of 256x, 384x, and 512x Fs are supported. The ratio of the applied MCLK to LRCK is
automatically detected during power-up and internal dividers are set to generate the ap-propriate internal
clocks.
3.1.5
CS5330A
The CS5330A data output format is shown in Figure 2. Notice that the MSB is clocked by the transition of
LRCK and the remaining seventeen data bits are clocked by the falling edge of SCLK. The data bits are
valid during the rising edge of SCLK.
3.1.6
CS5331A
The CS5331A data output format is shown in Figure 3. Notice the one SCLK period delay be-tween the
LRCK transitions and the MSB of the data. The falling edges of SCLK cause the ADC to output the eigh-
teen data bits. The data bits are valid during the rising edge of SCLK. LRCK is also inverted compared to
the CS5330A interface. The CS5331A interface is compatible with I2S.
01
2
18
19
20 21
22
31
0
1
2
18
19
20 21
22
23
31
0
1
SCLK
LRCK
Left Audio Data
Right Audio Data
17
16
10
17
16
10
SDATA
17
17
30
Figure 2. Data Output Timing-CS5330A
01
2
18
19
20 21
22
31
01
2
18
19
20 21
22
23
31
0
1
SCLK
LRCK
Left Audio Data
Right Audio Data
17
16
10
17
16
10
SDATA
3
3
30
Figure 3. Data Output Timing - CS5331A (I²S Compatible)


Podobny numer części - CS5330A_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS5330A-BS CIRRUS-CS5330A-BS Datasheet
899Kb / 30P
   8-Pin, Stereo A/D Converter for Digital Audio
CS5330A-KS CIRRUS-CS5330A-KS Datasheet
899Kb / 30P
   8-Pin, Stereo A/D Converter for Digital Audio
More results

Podobny opis - CS5330A_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS5330A CIRRUS-CS5330A Datasheet
899Kb / 30P
   8-Pin, Stereo A/D Converter for Digital Audio
CS4330 CIRRUS-CS4330 Datasheet
1Mb / 38P
   8 Pin Stereo D/A Converter for Digital Audio
logo
Suzhou Everest Semicond...
ES7134S EVEREST-ES7134S Datasheet
360Kb / 8P
   8-pin, 24-Bit Stereo D/A Converter for PCM Audio
logo
Cirrus Logic
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
   18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
CS5334 CIRRUS-CS5334 Datasheet
437Kb / 20P
   20-Bit, Stereo A/D Converter for Digital Audio
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
   20-Bit, Stereo D/A Converter for Digital Audio
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
   24-Bit, Stereo D/A Converter for Digital Audio
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
   16-Bit Stereo A/D Converter for Digital Audio
CS5360 CIRRUS-CS5360 Datasheet
546Kb / 22P
   24-Bit Stereo A/D Converter for Digital Audio
logo
Suzhou Everest Semicond...
ES7149 EVEREST-ES7149 Datasheet
364Kb / 9P
   12-pin, 24-Bit Stereo D/A Converter for PCM Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com