Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS5341-DZZR Arkusz danych(PDF) 9 Page - Cirrus Logic

Numer części CS5341-DZZR
Szczegółowy opis  105 dB, 192 kHz, Multi-Bit Audio A/D Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5341-DZZR Arkusz danych(HTML) 9 Page - Cirrus Logic

Back Button CS5341-DZZR Datasheet HTML 5Page - Cirrus Logic CS5341-DZZR Datasheet HTML 6Page - Cirrus Logic CS5341-DZZR Datasheet HTML 7Page - Cirrus Logic CS5341-DZZR Datasheet HTML 8Page - Cirrus Logic CS5341-DZZR Datasheet HTML 9Page - Cirrus Logic CS5341-DZZR Datasheet HTML 10Page - Cirrus Logic CS5341-DZZR Datasheet HTML 11Page - Cirrus Logic CS5341-DZZR Datasheet HTML 12Page - Cirrus Logic CS5341-DZZR Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
DS564F1
9
CS5341
Figure 7. Double-Speed Mode Transition Band (Detail)
Figure 8. Double-Speed Mode Passband Ripple
Figure 9. Quad-Speed Mode Stopband Rejection
Figure 10. Quad-Speed Mode Stopband Rejection
Figure 11. Quad-Speed Mode Transition Band (Detail)
Figure 12. Quad-Speed Mode Passband Ripple
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0.46
0.47
0.48
0.49
0.50
0.51
0.52
Frequency (norm alized to Fs)
-0.10
-0.08
-0.06
-0.04
-0.02
0.00
0.02
0.04
0.06
0.08
0.10
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35 0.40
0.45
0.50
Frequency (norm alized to Fs)
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Frequency (norm alized to Fs)
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.20 0.25 0.30 0.35 0.40 0.45 0.50 0.55 0.60 0.65 0.70 0.75 0.80 0.85
Frequency (norm alized to Fs)
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
Frequency (norm alized to Fs)
-0.10
-0.08
-0.06
-0.04
-0.02
0.00
0.02
0.04
0.06
0.08
0.10
0.00 0.03 0.05 0.08 0.10
0.13
0.15 0.18 0.20 0.23 0.25 0.28
Frequency (norm alized to Fs)


Podobny numer części - CS5341-DZZR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS5341-DZZR CIRRUS-CS5341-DZZR Datasheet
406Kb / 22P
   105 dB, 192 kHz, Multi-Bit Audio A/D Converter
More results

Podobny opis - CS5341-DZZR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS5341 CIRRUS-CS5341 Datasheet
437Kb / 24P
   105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5341 CIRRUS-CS5341_08 Datasheet
406Kb / 22P
   105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5342 CIRRUS-CS5342 Datasheet
400Kb / 22P
   105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5342 CIRRUS-CS5342_06 Datasheet
403Kb / 21P
   105 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5351 CIRRUS-CS5351 Datasheet
499Kb / 24P
   108 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361 Datasheet
957Kb / 24P
   111 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5340 CIRRUS-CS5340_08 Datasheet
405Kb / 22P
   101 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361_05 Datasheet
464Kb / 23P
   114 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5381 CIRRUS-CS5381 Datasheet
292Kb / 24P
   120 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5351 CIRRUS-CS5351_07 Datasheet
558Kb / 23P
   108 dB, 192 kHz, Multi-bit Audio A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com