Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS5451A-IS Arkusz danych(PDF) 11 Page - Cirrus Logic

Numer części CS5451A-IS
Szczegółowy opis  Six-channel, Delta-sigma Analog-to-digital Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5451A-IS Arkusz danych(HTML) 11 Page - Cirrus Logic

Back Button CS5451A-IS Datasheet HTML 5Page - Cirrus Logic CS5451A-IS Datasheet HTML 6Page - Cirrus Logic CS5451A-IS Datasheet HTML 7Page - Cirrus Logic CS5451A-IS Datasheet HTML 8Page - Cirrus Logic CS5451A-IS Datasheet HTML 9Page - Cirrus Logic CS5451A-IS Datasheet HTML 10Page - Cirrus Logic CS5451A-IS Datasheet HTML 11Page - Cirrus Logic CS5451A-IS Datasheet HTML 12Page - Cirrus Logic CS5451A-IS Datasheet HTML 13Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
CS5451A
DS635F2
11
shifting of the analog inputs. The CPD pin and capacitor
C1 provide the necessary analog supply current as
shown in Figure 5. The Schottky diodes D1 and D2 are
chosen for their low forward voltages and high-speed
capabilities. The capacitor C2 provides the required
charge storage and bypassing of the negative supply.
The CPD output signal provides the charge pump driver
signal. The frequency of the charge pump driver signal
is synchronous to XIN. The nominal average frequency
is 1 MHz. The level on the VA- pin is fed back internally
so that the CPD output will regulate the VA- level to -2/3
of VA+ level.
The value of capacitor C1 (see Figure 5) is dependent
on the XIN clock frequency. The 39 nF value for C1 was
selected for a XIN clock frequency equal to 4.096 MHz.
For more information about the operation of this type of
charge pump circuit, the reader can refer to Cirrus Log-
ic,
Inc.’s
application
note
AN152:
Using
the
CS5521/24/28, and CS5525/26 Charge Pump Drive for
External Loads.
AGND
BAT 85
D1
C1
39 nF
C2
CPD
VA-
BAT 85
1µF
D2
Figure 5. Generating VA- with a Charge Pump


Podobny numer części - CS5451A-IS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS5451A-IS CIRRUS-CS5451A-IS Datasheet
188Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
CS5451A-IS CIRRUS-CS5451A-IS Datasheet
121Kb / 14P
   Six-channel, Delta-sigma Analog-to-digital Converter
CS5451A-ISZ CIRRUS-CS5451A-ISZ Datasheet
121Kb / 14P
   Six-channel, Delta-sigma Analog-to-digital Converter
More results

Podobny opis - CS5451A-IS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A Datasheet
188Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
CS5451A CIRRUS-CS5451A_10 Datasheet
121Kb / 14P
   Six-channel, Delta-sigma Analog-to-digital Converter
logo
List of Unclassifed Man...
CS5451 ETC-CS5451 Datasheet
365Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
PCM1608 TI1-PCM1608_15 Datasheet
1,012Kb / 46P
[Old version datasheet]   Delta-Sigma Digital-to-Analog Converter
logo
Cirrus Logic
CS5471 CIRRUS-CS5471 Datasheet
356Kb / 14P
   DUAL CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
TLC320AD58C TI-TLC320AD58C Datasheet
178Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57 TI1-TLC320AD57 Datasheet
135Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57C TI-TLC320AD57C Datasheet
133Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD58 TI1-TLC320AD58 Datasheet
192Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
ADC12EU050 TI1-ADC12EU050 Datasheet
989Kb / 44P
[Old version datasheet]   45 MSPS Sigma-Delta Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com