Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BF1606-10RKI Arkusz danych(PDF) 6 Page - Welwyn Components Limited

Numer części BF1606-10RKI
Szczegółowy opis  Tubular Vitreous Enamelled Wirewound Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WELWYN [Welwyn Components Limited]
Strona internetowa  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

BF1606-10RKI Arkusz danych(HTML) 6 Page - Welwyn Components Limited

  BF1606-10RKI Datasheet HTML 1Page - Welwyn Components Limited BF1606-10RKI Datasheet HTML 2Page - Welwyn Components Limited BF1606-10RKI Datasheet HTML 3Page - Welwyn Components Limited BF1606-10RKI Datasheet HTML 4Page - Welwyn Components Limited BF1606-10RKI Datasheet HTML 5Page - Welwyn Components Limited BF1606-10RKI Datasheet HTML 6Page - Welwyn Components Limited BF1606-10RKI Datasheet HTML 7Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Tubular Vitreous Enamelled
Wirewound Resistors
1600/1900 Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
126
Issue E · 10.05
Welwyn Components
Bracket
Type
A
B
C
D
E
ref.
nom
nom
nom
nom
nom
MD40
1600
78
92
10
20
4.2
1905
73
87
1601
50
64
1602
68
82
MD41
1603
91
105
13
20
4.2
1604
119
133
1906
81
95
MD42
1605
106
120
1606
183
197
20
25
5.2
1908
119
133
1607
121
143
MD43
1608
171
193
28
30
5.2
1609
235
257
Ordering Procedure
Mounting brackets should be ordered in
units and the type reference specified.
Ordering Procedure
Mounting clips (and auxiliary locking
springs when required) should be ordered
in units and the type reference specified.
Ordering Procedure
Mounting plugs are denoted by the prefix
‘F’ added to the size reference;
e.g. BF1602 and APF1602.
Clip Type
A
B
C
D
E
F
G
H
J
K
Auxiliary
ref.
type nom. max nom. max max max ±0.2
dia
dia
nom
locking
spring ref
1601
52
68
1602
70
86
MD1 1603
90
106
29
19
17.5 14.5 4.8
4.0
3.9
7.2
MD16
MD4 1604 121 137
1605 108 128
1906
83
99
1607 125 146
MD3 1608 176 197
49
33
32.0 19.0 6.4
4.0
6.3
9.5
MD18
MD6 1609 240 261
Table 6 mounting clip dimension (mm) See Fig. 11
Table 7 Mounting brackets dimensions (mm). See Fig. 12.
Table 8 Mounting plug dimensions (mm) See Fig. 13.
These mounting clips are suitable for termination styles C, CB and CP.
MD4, 5 and 6 have an ear formed in the bottom surface of the bracket to
prevent rotation of the mounting plate. The auxiliary locking springs
ensure positive retention of the tube under severe mechanical shock
conditions. See Figure 11.
These brackets are suitable for termination styles B, 4B, AP & AW
F type bushes are suitable for termination styles B, 4B AP and AW
Type
A
B
C
Min.
Max.
1601
1602
1603
1.6
3.7
5.3
M4
1604
1906
1605
1606
1.6
3.7
5.3
M5
1908
1607
1608
3.2
5.2
6.8
M6
1609


Podobny numer części - BF1606-10RKI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
New Jersey Semi-Conduct...
BF167 NJSEMI-BF167 Datasheet
127Kb / 1P
   General Purpose Diodes
BF167 NJSEMI-BF167 Datasheet
127Kb / 1P
   Electrical characterlitics
logo
Faraday Technology
BF16B0010 FARADAY-BF16B0010 Datasheet
306Kb / 2P
   11.0 MHz VIDEO DELAY LINES
BF16B0020 FARADAY-BF16B0020 Datasheet
306Kb / 2P
   11.0 MHz VIDEO DELAY LINES
BF16B0030 FARADAY-BF16B0030 Datasheet
306Kb / 2P
   11.0 MHz VIDEO DELAY LINES
More results

Podobny opis - BF1606-10RKI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TT Electronics.
1600 TTELEC-1600_17 Datasheet
921Kb / 7P
   Tubular Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20_08 Datasheet
1Mb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W20 ETC1-W20 Datasheet
100Kb / 2P
   Vitreous Enamelled Wirewound Resistors
logo
IRC - a TT electronics ...
W219K1JA IRCTT-W219K1JA Datasheet
227Kb / 4P
   Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20_V01 Datasheet
558Kb / 3P
   Vitreous Enamelled Wirewound Resistors
2011/65/EU
logo
List of Unclassifed Man...
W21-22RJI ETC2-W21-22RJI Datasheet
727Kb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
V757 WELWYN-V757 Datasheet
141Kb / 2P
   Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W21-10RJI ETC2-W21-10RJI Datasheet
727Kb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
TT Electronics.
W20 TTELEC-W20 Datasheet
597Kb / 3P
   Vitreous Enamelled Wirewound Resistors
06.18
logo
Welwyn Components Limit...
V700 WELWYN-V700 Datasheet
141Kb / 2P
   Vitreous Enamelled Wirewound Resistors
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com