Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS8952-IQZ Arkusz danych(PDF) 4 Page - Cirrus Logic

Numer części CS8952-IQZ
Szczegółowy opis  CrystalLAN 100BASE-X and 10BASE-T Transceiver
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952-IQZ Arkusz danych(HTML) 4 Page - Cirrus Logic

  CS8952-IQZ Datasheet HTML 1Page - Cirrus Logic CS8952-IQZ Datasheet HTML 2Page - Cirrus Logic CS8952-IQZ Datasheet HTML 3Page - Cirrus Logic CS8952-IQZ Datasheet HTML 4Page - Cirrus Logic CS8952-IQZ Datasheet HTML 5Page - Cirrus Logic CS8952-IQZ Datasheet HTML 6Page - Cirrus Logic CS8952-IQZ Datasheet HTML 7Page - Cirrus Logic CS8952-IQZ Datasheet HTML 8Page - Cirrus Logic CS8952-IQZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 81 page
background image
CS8952
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
4
DS206F1
DC CHARACTERISTICS (Over recommended operating conditions)
Parameter
Symbol
Min
Typ
Max
Unit
External Oscillator
XTAL_I Input Low Voltage
VIXH
-0.3
-
0.5
V
XTAL_I Input High Voltage
VIXH
3.5
-
VDD+0.5
V
XTAL_I Input Low Current
IIXL
-40
-
-
µA
XTAL_I Input High Current
IIXH
--
40
µA
XTAL_I Input Capacitance
CL
-35
pF
XTAL_I Input Cycle Time
tIXC
39.996
-
40.004
ns
XTAL_I Input Low Time
tIXL
18
-
22
ns
XTAL_I Input High Time
tXH
18
-
22
ns
Power Supply
Power Supply Current
100BASE-TX (Note 1)
100BASE-FX (Note 1)
10BASE-T (Note 1)
IDD
-
-
-
135
90
80
145
-
-
mA
Hardware Power-Down
(Note 1)IDDHPDN
-900-
µA
Software Power-Down
(Note 1)IDDSPDN
-20-
mA
Low Power Power-Up
(Note 1)IDDSLPUP
-900-
µA
Digital I/O
Output Low Voltage
CLK25, MII_IRQ, SPD10, SPD100
IOL = 4.0mA
LED[4:0]
IOL = 10.0mA
VOL
-
-
-
-
0.4
0.4
V
Output Low Voltage (MII_DRV = 1)
COL, CRS, MDIO, RXD[3:0],
RX_CLK, RX_DV, RX_ER,
TX_CLK
IOL = 4.0mA
VDD_MII = 5V; IOL = 43.0mA
VDD_MII = 3.3V, IOL = 26.0mA
VOL
-
-
-
-
-
-
0.4
3.05
2.1
V
Output Low Voltage (MII_DRV = 0)
COL, CRS, MDIO, RXD[3:0],
RX_CLK, RX_DV, RX_ER,
TX_CLK
IOL = 4.0mA
VOL
--
0.4
V
Output High Voltage
CLK25, SPD10, SPD100
IOH = -4.0mA
VOH
2.4
-
-
V
Output High Voltage (MII_DRV = 1)
COL, CRS, MDIO, RXD[3:0],
RX_CLK, RX_DV, RX_ER,
TX_CLK
IOH= -4.0mA
VDD_MII = 5V; IOH = -20.0mA
VDD_MII = 3.3V, IOH = -20.0mA
VOH
2.4
1.1
1.1
-
-
-
-
-
-
V


Podobny numer części - CS8952-IQZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS8952-CQ CIRRUS-CS8952-CQ Datasheet
1Mb / 82P
   CrystalLAN 100BASE-X and 10BASE-T Transceiver
More results

Podobny opis - CS8952-IQZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS8952 CIRRUS-CS8952 Datasheet
1Mb / 82P
   CrystalLAN 100BASE-X and 10BASE-T Transceiver
CS8952T CIRRUS-CS8952T Datasheet
1Mb / 86P
   100BASE E-X AND 10BASE-T TRANSCEIVER
logo
Micrel Semiconductor
KSZ8041TL MICREL-KSZ8041TL Datasheet
396Kb / 58P
   10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
KSZ8041TL MICREL-KSZ8041TL_09 Datasheet
436Kb / 65P
   10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
logo
Microchip Technology
KSZ8091MNX MICROCHIP-KSZ8091MNX Datasheet
681Kb / 80P
   10BASE-T/100BASE-TX Physical Layer Transceiver
06/23/16
logo
Micrel Semiconductor
KSZ8041NLITR MICREL-KSZ8041NLITR Datasheet
678Kb / 54P
   10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNL MICREL-KSZ8051MNL Datasheet
560Kb / 59P
   10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MLL MICREL-KSZ8051MLL Datasheet
691Kb / 51P
   10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051RNL-TR MICREL-KSZ8051RNL-TR Datasheet
560Kb / 59P
   10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNLV MICREL-KSZ8051MNLV Datasheet
1Mb / 66P
   10Base-T/100Base-TX Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com