Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS8416-DSZ Arkusz danych(PDF) 1 Page - Cirrus Logic

Numer części CS8416-DSZ
Szczegółowy opis  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416-DSZ Arkusz danych(HTML) 1 Page - Cirrus Logic

  CS8416-DSZ Datasheet HTML 1Page - Cirrus Logic CS8416-DSZ Datasheet HTML 2Page - Cirrus Logic CS8416-DSZ Datasheet HTML 3Page - Cirrus Logic CS8416-DSZ Datasheet HTML 4Page - Cirrus Logic CS8416-DSZ Datasheet HTML 5Page - Cirrus Logic CS8416-DSZ Datasheet HTML 6Page - Cirrus Logic CS8416-DSZ Datasheet HTML 7Page - Cirrus Logic CS8416-DSZ Datasheet HTML 8Page - Cirrus Logic CS8416-DSZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
Copyright
© Cirrus Logic, Inc. 2007
(All Rights Reserved)
http://www.cirrus.com
192 kHz Digital Audio Interface Receiver
Features
Complete EIAJ CP1201, IEC-60958, AES3,
S/PDIF-Compatible Receiver
+3.3 V Analog Supply (VA)
+3.3 V Digital Supply (VD)
+3.3 V or +5.0 V Digital Interface Supply (VL)
8:2 S/PDIF Input MUX
AES/SPDIF Input Pins Selectable in Hardware
Mode
Three General Purpose Outputs (GPO) Allow
Signal Routing
Selectable Signal Routing to GPO Pins
S/PDIF-to-TX Inputs Selectable in Hardware
Mode
Flexible 3-wire Serial Digital Output Port
32 kHz to 192 kHz Sample Frequency Range
Low-Jitter Clock Recovery
Pin and Microcontroller Read Access to
Channel Status and User Data
SPI™ or I²C® Control Port Software Mode and
Stand-Alone Hardware Mode
Differential Cable Receiver
On-Chip Channel Status Data Buffer Memories
Auto-Detection of Compressed Audio Input
Streams
Decodes CD Q Sub-Code
OMCK System Clock Mode
See the General Description and Ordering Information
on page 2.
Clock &
Data
Recovery
Misc.
Control
Serial
Audio
Output
Receiver
AES3
S/PDIF
Decoder
Control
Port &
Registers
RXN
RXP1
OLRCK
OSCLK
SDOUT
RST
SDA/
CDOUT
SCL/
CCLK
AD1/
CDIN
AD0/
CS
AGND FILT
VL DGND
RMCK
RXP2
RXP3
RXP4
RXP5
RXP6
RXP7
8:2
MUX
OMCK
GPO0
GPO1
AD2/GPO2
RXP0
n:3
MUX
VD
VA
TX Passthrough
Format
Detect
C & U bit
Data Buffer
De-emphasis
Filter
AUGUST '07
DS578F3
CS8416


Podobny numer części - CS8416-DSZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS8416-CS CIRRUS-CS8416-CS Datasheet
802Kb / 48P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS8416-CZ CIRRUS-CS8416-CZ Datasheet
802Kb / 48P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS8416-IS CIRRUS-CS8416-IS Datasheet
802Kb / 48P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS8416-IZ CIRRUS-CS8416-IZ Datasheet
802Kb / 48P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
More results

Podobny opis - CS8416-DSZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS8416 CIRRUS-CS8416 Datasheet
802Kb / 48P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS8406 CIRRUS-CS8406_12 Datasheet
406Kb / 39P
   192 kHz Digital Audio Interface Transmitter
CS8406 CIRRUS-CS8406 Datasheet
629Kb / 43P
   192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
CS8406 CIRRUS-CS8406_09 Datasheet
306Kb / 42P
   192 kHz Digital Audio Interface Transmitter
CS8415A CIRRUS-CS8415A_05 Datasheet
583Kb / 46P
   96 kHz Digital Audio Interface Receiver
CS8415A CIRRUS-CS8415A Datasheet
766Kb / 42P
   96 kHz DIGITAL AUDIO INTERFACE RECEIVER
CS8422 CIRRUS-CS8422_10 Datasheet
995Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
CS8422 CIRRUS-CS8422_09 Datasheet
734Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
logo
Texas Instruments
DIR9001 TI-DIR9001 Datasheet
391Kb / 30P
[Old version datasheet]   96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR9001-Q1 BURR-BROWN-DIR9001-Q1 Datasheet
378Kb / 30P
   96-kHz, 24-Bit Digital Audio Interface Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com