Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS42516 Arkusz danych(PDF) 90 Page - Cirrus Logic

Numer części CS42516
Szczegółowy opis  110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42516 Arkusz danych(HTML) 90 Page - Cirrus Logic

Back Button CS42516_05 Datasheet HTML 83Page - Cirrus Logic CS42516_05 Datasheet HTML 84Page - Cirrus Logic CS42516_05 Datasheet HTML 85Page - Cirrus Logic CS42516_05 Datasheet HTML 86Page - Cirrus Logic CS42516_05 Datasheet HTML 87Page - Cirrus Logic CS42516_05 Datasheet HTML 88Page - Cirrus Logic CS42516_05 Datasheet HTML 89Page - Cirrus Logic CS42516_05 Datasheet HTML 90Page - Cirrus Logic CS42516_05 Datasheet HTML 91Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 90 / 91 page
background image
90
DS583F1
CS42516
17.REVISION HISTORY
Release
Date
Changes
A1
December 2002
Advance Release
PP1
August 2003
Preliminary Release
PP2
August 2003
Added Revision History table.
Updated registers 6.7.4 and 6.7.5 on page 53.
PP3
March 2004
Corrected error in document title.
PP4
July 2004
Add lead free part numbers
PP5
January 2005
Updated PLL components in Table 21 on page 77.
Added PDN_RCVR1 bit and description on page 47.
Added LOCKM bit and description on page 65.
Added OMCK Frequency specification in the Switching Characteristics
table on page 12.
Updated ADC Input Impedance and Offset Error specifications in the
Analog Input Characteristics table on page 8.
Updated the DAC Full Scale Voltage, Output Impedance, and Gain Drift
specifications in the Analog Output Characteristics table on page 10.
Updated specification conditions for the analog input characteristics on
page 8.
Updated specification conditions for the analog output characteristics on
page 10.
Updated specification of tds and tdh in the Switching Characteristics table on
page 12.
Corrected reference to the SW_CTRL[1:0] bits in section 4.5.3 on page 26.
Moved the VQ and FILT+ specifications from the Analog Input
Characteristics table on page 8 to the DC Electrical Characteristics table on
page 15.
Updated the Power Supply Current and Power Consumption specifications
in the DC Electrical Characteristics table on page 15.
Updated the description of the CONF bit on page page 68.
Updated Table 13 on page 55 to include HDCD format detection.
Corrected default value of the Chip_ID[3:0] bits in register 01h on pages 42
and 46.
Updated default value of the Rev_ID[3:0] bits in register 01h on pages 42
and 46.
F1
October 2005
Final Release
Added ordering information table on page 89.
Updated registers 6.6.6 and 6.6.7 on page 52.
Updated “Slave Mode” section on page 26.
Updated specification of tdpd, and tlrpd in the Switching Characteristics table
on page 12.
Updated the “External Filter Components” section beginning on page 77.
Updated LOCKM[1:0] bits and description on page 65.
Updated RCVR_CLK[2:0] bit description on page 55.


Podobny numer części - CS42516_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS42516-CQZ CIRRUS-CS42516-CQZ Datasheet
1Mb / 90P
   110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42516-DQZ CIRRUS-CS42516-DQZ Datasheet
1Mb / 90P
   110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
More results

Podobny opis - CS42516_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS42516 CIRRUS-CS42516 Datasheet
1Mb / 90P
   110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42518 CIRRUS-CS42518 Datasheet
1Mb / 91P
   110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42518 CIRRUS-CS42518_05 Datasheet
1Mb / 91P
   110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42526 CIRRUS-CS42526_05 Datasheet
1Mb / 93P
   114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42526 CIRRUS-CS42526 Datasheet
1Mb / 90P
   114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42528 CIRRUS-CS42528_05 Datasheet
1Mb / 91P
   114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42528 CIRRUS-CS42528 Datasheet
1Mb / 91P
   114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42416 CIRRUS-CS42416_05 Datasheet
1Mb / 73P
   110 dB, 192 kHz 6-Ch Codec with PLL
CS42418 CIRRUS-CS42418_05 Datasheet
1Mb / 73P
   110 dB, 192 kHz 8-Ch Codec with PLL
CS42426 CIRRUS-CS42426_05 Datasheet
1Mb / 73P
   114 dB, 192 kHz 6-Ch Codec with PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com