Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS42518-CQZ Arkusz danych(PDF) 71 Page - Cirrus Logic

Numer części CS42518-CQZ
Szczegółowy opis  110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42518-CQZ Arkusz danych(HTML) 71 Page - Cirrus Logic

Back Button CS42518-CQZ Datasheet HTML 67Page - Cirrus Logic CS42518-CQZ Datasheet HTML 68Page - Cirrus Logic CS42518-CQZ Datasheet HTML 69Page - Cirrus Logic CS42518-CQZ Datasheet HTML 70Page - Cirrus Logic CS42518-CQZ Datasheet HTML 71Page - Cirrus Logic CS42518-CQZ Datasheet HTML 72Page - Cirrus Logic CS42518-CQZ Datasheet HTML 73Page - Cirrus Logic CS42518-CQZ Datasheet HTML 74Page - Cirrus Logic CS42518-CQZ Datasheet HTML 75Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 91 page
background image
DS584F1
71
CS42518
following table. It is recommended that in this mode the remaining functional bits be set to 0.
GPO, Drive High - If the pin is configured as a general-purpose output, the functional bits are ignored
and the pin is driven high. It is recommended that in this mode all the functional bits be set to 0.
6.29
Q-Channel Subcode Bytes 0 to 9 (addresses 30h to 39h) (Read Only)
These ten registers contain the decoded Q-channel subcode data.
6.30
C-Bit or U-Bit Data Buffer (addresses 3Ah to 51h) (Read Only)
Either channel status data buffer E or user data buffer E is accessible through these register addresses.
Function1
Function0
GPOx
Driver Type
0
0
Drive Low
CMOS
1
1
OVFL R or L
Open Drain
7
6
5
432
10
Address3
Address2
Address1
Address0
Control3
Control2
Control1
Control0
Track7
Track6
Track5
Track4
Track3
Track2
Track1
Track0
Index7
Index6
Index5
Index4
Index3
Index2
Index1
Index0
Minute7
Minute6
Minute5
Minute4
Minute3
Minute2
Minute1
Minute0
Second7
Second6
Second5
Second4
Second3
Second2
Second1
Second0
Frame7
Frame6
Frame5
Frame4
Frame3
Frame2
Frame1
Frame0
Zero7
Zero6
Zero5
Zero4
Zero3
Zero2
Zero1
Zero0
A.Minute7
A.Minute6
A.Minute5
A.Minute4
A.Minute3
A.Minute2
A.Minute1
A.Minute0
A.Second7
A.Second6
A.Second5
A.Second4
A.Second3
A.Second2
A.Second1
A.Second0
A.Frame7
A.Frame6
A.Frame5
A.Frame4
A.Frame3
A.Frame2
A.Frame1
A.Frame0
7
6
5
432
10
CU Buffer7
CU Buffer6
CU Buffer5
CU Buffer4
CU Buffer3
CU Buffer2
CU Buffer1
CU Buffer0


Podobny numer części - CS42518-CQZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS42518-CQZ CIRRUS-CS42518-CQZ Datasheet
1Mb / 91P
   110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
More results

Podobny opis - CS42518-CQZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS42518 CIRRUS-CS42518 Datasheet
1Mb / 91P
   110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42516 CIRRUS-CS42516_05 Datasheet
1Mb / 91P
   110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42516 CIRRUS-CS42516 Datasheet
1Mb / 90P
   110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42528 CIRRUS-CS42528_05 Datasheet
1Mb / 91P
   114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42528 CIRRUS-CS42528 Datasheet
1Mb / 91P
   114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42526 CIRRUS-CS42526_05 Datasheet
1Mb / 93P
   114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42526 CIRRUS-CS42526 Datasheet
1Mb / 90P
   114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42418 CIRRUS-CS42418_05 Datasheet
1Mb / 73P
   110 dB, 192 kHz 8-Ch Codec with PLL
CS42416 CIRRUS-CS42416_05 Datasheet
1Mb / 73P
   110 dB, 192 kHz 6-Ch Codec with PLL
CS42428 CIRRUS-CS42428_05 Datasheet
1Mb / 73P
   114 dB, 192 kHz 8-Ch Codec with PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com