Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS42516-DQZ Arkusz danych(PDF) 87 Page - Cirrus Logic

Numer części CS42516-DQZ
Szczegółowy opis  110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42516-DQZ Arkusz danych(HTML) 87 Page - Cirrus Logic

Back Button CS42516-DQZ Datasheet HTML 83Page - Cirrus Logic CS42516-DQZ Datasheet HTML 84Page - Cirrus Logic CS42516-DQZ Datasheet HTML 85Page - Cirrus Logic CS42516-DQZ Datasheet HTML 86Page - Cirrus Logic CS42516-DQZ Datasheet HTML 87Page - Cirrus Logic CS42516-DQZ Datasheet HTML 88Page - Cirrus Logic CS42516-DQZ Datasheet HTML 89Page - Cirrus Logic CS42516-DQZ Datasheet HTML 90Page - Cirrus Logic CS42516-DQZ Datasheet HTML 91Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 87 / 91 page
background image
DS583F1
87
CS42516
0.45
0.46
0.47
0.48
0.49
0.5
0.51
0.52
0.53
0.54
0.55
10
9
8
7
6
5
4
3
2
1
0
Frequency(normalized to Fs)
0
0.05
0.1
0.15
0.2
0.25
0.2
0.15
0.1
0.05
0
0.05
0.1
0.15
0.2
Frequency(normalized to Fs)
Figure 64. Quad-Speed (fast) Transition Band (detail)
Figure 65. Quad-Speed (fast) Passband Ripple
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
120
100
80
60
40
20
0
Frequency(normalized to Fs)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
120
100
80
60
40
20
0
Frequency(normalized to Fs)
Figure 66. Quad-Speed (slow) Stopband Rejection
Figure 67. Quad-Speed (slow) Transition Band
0.45
0.46
0.47
0.48
0.49
0.5
0.51
0.52
0.53
0.54
0.55
10
9
8
7
6
5
4
3
2
1
0
Frequency(normalized to Fs)
0
0.02
0.04
0.06
0.08
0.1
0.12
0.02
0.015
0.01
0.005
0
0.005
0.01
0.015
0.02
Frequency(normalized to Fs)
Figure 68. Quad-Speed (slow) Transition Band (detail)
Figure 69. Quad-Speed (slow) Passband Ripple


Podobny numer części - CS42516-DQZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS42516-DQZ CIRRUS-CS42516-DQZ Datasheet
1Mb / 90P
   110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
More results

Podobny opis - CS42516-DQZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS42516 CIRRUS-CS42516 Datasheet
1Mb / 90P
   110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42518 CIRRUS-CS42518 Datasheet
1Mb / 91P
   110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42518 CIRRUS-CS42518_05 Datasheet
1Mb / 91P
   110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42526 CIRRUS-CS42526_05 Datasheet
1Mb / 93P
   114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42526 CIRRUS-CS42526 Datasheet
1Mb / 90P
   114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42528 CIRRUS-CS42528_05 Datasheet
1Mb / 91P
   114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42528 CIRRUS-CS42528 Datasheet
1Mb / 91P
   114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42416 CIRRUS-CS42416_05 Datasheet
1Mb / 73P
   110 dB, 192 kHz 6-Ch Codec with PLL
CS42418 CIRRUS-CS42418_05 Datasheet
1Mb / 73P
   110 dB, 192 kHz 8-Ch Codec with PLL
CS42426 CIRRUS-CS42426_05 Datasheet
1Mb / 73P
   114 dB, 192 kHz 6-Ch Codec with PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com