Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STAC9200D5NAE Arkusz danych(PDF) 1 Page - Integrated Device Technology

Numer części STAC9200D5NAE
Szczegółowy opis  2-CHANNEL HIGH DEFINITION AUDIO CODEC
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9200D5NAE Arkusz danych(HTML) 1 Page - Integrated Device Technology

  STAC9200D5NAE Datasheet HTML 1Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 2Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 3Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 4Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 5Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 6Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 7Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 8Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 126 page
background image
DATA SHEET
2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200/9200D
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC
1
STAC9200/9200D
V 1.4 12/06
IDT CONFIDENTIAL
Description
The STAC9200/9200D is a high quality, 2-channel audio
CODEC compatible with the Intel High Definition (HD)
Audio Interface. The STAC9200/9200D provides Stereo
24-Bit resolution with sample rates up to 192 KHz. SPDIF
I/O provides connectivity to consumer electronic
equipment. The STAC9200/9200D incorporates IDT's
proprietary SD technology to achieve an estimated DAC
SNR in excess of 100dB.
The STAC9200/9200D provides high quality, HD Audio
capability to notebook and cost sensitive desktop PC
applications.
Features
High performance SD technology
100dB DAC SNR
Intel HD Audio Interface
Two Channel DACs and ADCs with 24-bit
resolution
Sample rates up to 192 KHz
Mixer-less design
Low-latency Karaoke Mode Supported
Integrated Headphone Amplifiers
Stereo Microphone
Supports Stereo Microphone
Microphone Boost 0, 10, 20, 30, 40dB
Direct CDROM Recording Mixerless Design
S/PDIF In and Out
Universal JacksTM Functionality for jack retasking
Adjustable VREF Out
Digital PC Beep to all outputs
+3.3 V, +4 V and +5 V analog power supply options
(The +4 V Analog voltage is supported by the +5 V version of
the STAC9200 or STAC9200D. Request +4 V configuration of
the driver.)
32-pad QFN (5mm x 5mm) and 48-pin LQFP
package options
Dolby Sound Room Compliant (STAC9200D only)
(System manufacturers must obtain system license from
Dolby.)
Dolby Home Theater Compliant (STAC9200D only)
(System manufacturers must obtain system license from
Dolby.)


Podobny numer części - STAC9200D5NAE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STAC9200 STMICROELECTRONICS-STAC9200 Datasheet
449Kb / 14P
   200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
More results

Podobny opis - STAC9200D5NAE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Realtek Semiconductor C...
ALC268 REALTEK-ALC268 Datasheet
1Mb / 80P
   22 CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Integrated Device Techn...
92HD001 IDT-92HD001 Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Realtek Semiconductor C...
ALC260 REALTEK-ALC260 Datasheet
1Mb / 79P
   2 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC268-GR REALTEK-ALC268-GR Datasheet
1Mb / 85P
   22 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC_08 Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888 REALTEK-ALC888 Datasheet
1Mb / 80P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888T-GR REALTEK-ALC888T-GR Datasheet
1Mb / 79P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC883-GR REALTEK-ALC883-GR Datasheet
1,003Kb / 78P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-GR REALTEK-ALC888S-GR Datasheet
1Mb / 84P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com