Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AMB0480XXRJ Arkusz danych(PDF) 11 Page - Integrated Device Technology

Numer części AMB0480XXRJ
Szczegółowy opis  ADVANCED MEMORY BUFFER FOR FULLY BUFFERED DIMM MODULES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

AMB0480XXRJ Arkusz danych(HTML) 11 Page - Integrated Device Technology

Back Button AMB0480XXRJ Datasheet HTML 7Page - Integrated Device Technology AMB0480XXRJ Datasheet HTML 8Page - Integrated Device Technology AMB0480XXRJ Datasheet HTML 9Page - Integrated Device Technology AMB0480XXRJ Datasheet HTML 10Page - Integrated Device Technology AMB0480XXRJ Datasheet HTML 11Page - Integrated Device Technology AMB0480XXRJ Datasheet HTML 12Page - Integrated Device Technology AMB0480XXRJ Datasheet HTML 13Page - Integrated Device Technology AMB0480XXRJ Datasheet HTML 14Page - Integrated Device Technology AMB0480XXRJ Datasheet HTML 15Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
IDTAMB0480
ADVANCEDMEMORYBUFFERFORFULLYBUFFEREDDIMM
COMMERCIALTEMPERATURERANGE
Signal
Type
Description
Clocking
SCK
I
AMB Clock: This is one of the two differential reference clock inputs to the Phase Locked Loop in the AMB core. Phase Locked Loops in
the AMB will shift this to all frequencies required by the core, DDR channels, and FBD Channel.
SCK
I
AMB Clock Complement: This is the other differential reference clock input to the Phase Locked Loop in the AMB core. Phase Locked Loops
in the AMB will shift this to all frequencies required by the core, DDR channels, and FBD Channel.
PLLTSTO
O
PLL Clock Observability Output: This pin can be used to observe VCO, reference clock, core clock, etc. For system debug and design
characterization.
VCCA PLL
A
VCC: PLL Analog Voltage for the core PLL
VSSA PLL
A
VSS: PLL Analog Voltage for the core PLL
System Management
SCL
I/O
SMBus Clock
SDA
I/O
SMBus Address/Data
SA[2:0]
DIMM Select ID
Reset
RESET
Power Good Reset
Miscellaneous Test
TEST (4 pins)
N C
Pin for debug and test. Must be floated on DIMM.
TESTLO (5 pins)
A
Pin for debug and test. Must be tied to Ground on DIMM
TESTLO_AB20
A
Pin for debug and test. Connected to two resistors. One resistor is connected to VCCFBD, the other resistor is connected to VSS.
TESTLO_AC20
A
Pin for debug and test. Connected to two resistors. One resistor is connected to VCCFBD, the other resistor is connected to VSS.
Power Supplies
VCC (24 pins)
A
1.5V nominal supply for core I/O
VCCFBD (8 pins)
A
1.5V nominal supply for FBD high speed I/O
VDD (24 pins)
A
1.8V nominal supply for DDR I/O
VSS (156 pins)
A
Ground
VDDSPD
A
3.3V nominal supply for SMB receivers and ESD diodes
Other Pins
BFUNC
I
Buffer Function Bit: When BFUNC = 0, AMB is used as a regular buffer on FBDIMM. When BFUNC = 1, AMB is used as either a repeater
or a buffer for LAI function. On FB-DIMM, BFUNC is tied to Ground
RFU (18 pins)
N C
Reserved for Future Use. Must be floated on DIMM. RFU pins denoted by “a” are reserved for forwarded clocks in future AMB
implementations.
Other No Connect Pins
NC (129 pins)
N C
No Connect pins
PIN DESCRIPTION (CONT.)


Podobny numer części - AMB0480XXRJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
AMB0480XXRJ RENESAS-AMB0480XXRJ Datasheet
419Kb / 16P
   ADVANCED MEMORY BUFFER FOR FULLY BUFFERED DIMM MODULES
APRIL 2006
AMB0480XXRJ8 RENESAS-AMB0480XXRJ8 Datasheet
419Kb / 16P
   ADVANCED MEMORY BUFFER FOR FULLY BUFFERED DIMM MODULES
APRIL 2006
More results

Podobny opis - AMB0480XXRJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
IDTAMB0480 RENESAS-IDTAMB0480 Datasheet
419Kb / 16P
   ADVANCED MEMORY BUFFER FOR FULLY BUFFERED DIMM MODULES
APRIL 2006
logo
Elpida Memory
EBE21FE8ACFT ELPIDA-EBE21FE8ACFT Datasheet
201Kb / 22P
   2GB Fully Buffered DIMM
EBE51FD8AHFT ELPIDA-EBE51FD8AHFT Datasheet
198Kb / 22P
   512MB Fully Buffered DIMM
EBE41FE4ACFR ELPIDA-EBE41FE4ACFR Datasheet
215Kb / 22P
   4GB Fully Buffered DIMM
EBE42FE8ACWR ELPIDA-EBE42FE8ACWR Datasheet
260Kb / 22P
   4GB Fully Buffered DIMM
EBE21FD4AGFD ELPIDA-EBE21FD4AGFD Datasheet
210Kb / 22P
   2GB Fully Buffered DIMM
EBE81FF4ABHT ELPIDA-EBE81FF4ABHT Datasheet
235Kb / 22P
   8GB Fully Buffered DIMM
EBE41FE4ABHT ELPIDA-EBE41FE4ABHT Datasheet
207Kb / 22P
   4GB Fully Buffered DIMM
EBE21FE8ACWR ELPIDA-EBE21FE8ACWR Datasheet
206Kb / 22P
   2GB Fully Buffered DIMM
EBE41FE4ACWR ELPIDA-EBE41FE4ACWR Datasheet
215Kb / 22P
   4GB Fully Buffered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com