Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FW340 Arkusz danych(PDF) 4 Page - Sanyo Semicon Device

Numer części FW340
Szczegółowy opis  N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW340 Arkusz danych(HTML) 4 Page - Sanyo Semicon Device

  FW340 Datasheet HTML 1Page - Sanyo Semicon Device FW340 Datasheet HTML 2Page - Sanyo Semicon Device FW340 Datasheet HTML 3Page - Sanyo Semicon Device FW340 Datasheet HTML 4Page - Sanyo Semicon Device FW340 Datasheet HTML 5Page - Sanyo Semicon Device FW340 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FW340
No. A0424-4/6
IT11091
0
2
4
6
8
9
1
3
5
7
10
0123456789
[Nch]
VDS=10V
ID=5A
0.1
1.0
2
23
5
2
3
5
7
10
35
7
0.01
0.1
1.0
10
7
5
3
2
7
5
3
2
7
5
3
2
5
3
2
IT11092
IDP=20A
ID=5A
100ms
DC
operation
1ms
10ms
10s
PW
≤10µs
100µ
s
[Nch]
3
100
7
5
1000
7
5
3
2
[Nch]
0
5
10
15
20
25
30
IT11090
Ciss
Coss
Crss
f=1MHz
Operation in this area
is limited by RDS(on).
0
--6
--4
--8
--9
--10
--2
--5
--3
--7
--1
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
--4.0
IT11093
[Pch]
VDS= --10V
[Nch]
IT11089
0.01
0.1
23
5 7
2
1.0
35 7
2
0.1
2
1.0
7
5
3
2
10
7
5
3
VDS=10V
Ta=
--25
°C
75
°C
25
°C
10
35 7
VGS -- Qg
A S O
Total Gate Charge, Qg -- nC
Drain-to-Source Voltage, VDS -- V
Ta=25
°C
Single pulse
Mounted on a ceramic board (2000mm2!0.8mm) 1unit
10
7
5
3
2
100
[Nch]
SW Time -- ID
td(on)
td(off)
tr
tf
IT04963
Ciss, Coss, Crss -- VDS
0.1
23
5
7
1.0
23
5
7
10
VDD=15V
VGS=10V
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
0.001
2
0.01
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
1.0
0.1
2
10
[Nch]
yfs -- ID
IT04962
0
0.2
0.4
0.6
0.8
1.0
1.4
1.2
IS -- VSD
VGS=0V
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
0
--0.2
--0.3
--0.1
0
--2.0
--4.0
--5.0
--3.0
--1.0
--1.0
--0.8
--0.9
--0.6
--0.7
Drain-to-Source Voltage, VDS -- V
ID -- VDS
IT07390
Gate-to-Source Voltage, VGS -- V
ID -- VGS
--0.4
--0.5
[Pch]
VGS= --2.5V
--3.0V


Podobny numer części - FW340

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
FW342 SANYO-FW342 Datasheet
55Kb / 6P
   General-Purpose Switching Device Applications
logo
VBsemi Electronics Co.,...
FW342-TL-E VBSEMI-FW342-TL-E Datasheet
2Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Sanyo Semicon Device
FW343 SANYO-FW343 Datasheet
70Kb / 5P
   FW343
FW344 SANYO-FW344 Datasheet
49Kb / 6P
   Motor Driver Applications
More results

Podobny opis - FW340

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
CPH6619 SANYO-CPH6619 Datasheet
58Kb / 7P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
VEC2606 SANYO-VEC2606 Datasheet
68Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
VEC2603 SANYO-VEC2603 Datasheet
71Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
VEC2609 SANYO-VEC2609 Datasheet
51Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
EMH2603 SANYO-EMH2603 Datasheet
73Kb / 7P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
EMH2602 SANYO-EMH2602 Datasheet
71Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
FW349 SANYO-FW349 Datasheet
71Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
VEC2607 SANYO-VEC2607 Datasheet
52Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
SCH2615 SANYO-SCH2615 Datasheet
70Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
ECH8620 SANYO-ECH8620 Datasheet
72Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com