Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA1070 Arkusz danych(PDF) 7 Page - Sanyo Semicon Device

Numer części LA1070
Szczegółowy opis  Monolithic Linear IC On-Glass Antenna Amplifier AGC IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1070 Arkusz danych(HTML) 7 Page - Sanyo Semicon Device

  LA1070 Datasheet HTML 1Page - Sanyo Semicon Device LA1070 Datasheet HTML 2Page - Sanyo Semicon Device LA1070 Datasheet HTML 3Page - Sanyo Semicon Device LA1070 Datasheet HTML 4Page - Sanyo Semicon Device LA1070 Datasheet HTML 5Page - Sanyo Semicon Device LA1070 Datasheet HTML 6Page - Sanyo Semicon Device LA1070 Datasheet HTML 7Page - Sanyo Semicon Device LA1070 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LA1070
No.A0715-7/6
Continued from preceding page.
Pin No
Pin Function
Equivalent Circuit
Note
11
Temperature
detection circuit
output
+
-
VCC1
8V
50k
Ω
500
Ω
Pin 11
THERMAL_OUT
COMP
TSD
12, 13,
16, 17
DRV circuit output
35k
Ω
350
μA
150k
Ω
100
Ω
VCC2
12V
Pin 14 VCC2
1.2k
Ω
Pin 12, pin 13
pin 16 and pin 17
DRV_OUT
GND
VCC dependent type
voltage output circuit
18
Bandgap regulator
bypass capacitor
connection
20k
Ω
REG
VCC1 8V
Pin 18
VREG49
4.9V
Recommended
capacitance: 1µF


Podobny numer części - LA1070

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sensata Technologies, I...
LA10-08-000A SENSATA-LA10-08-000A Datasheet
131Kb / 2P
   C Y LINDRICAL FRAMELESS LINEAR VOICE COIL ACTUATORS (VCA)
LA10-12-027A SENSATA-LA10-12-027A Datasheet
131Kb / 2P
   C Y LINDRICAL FRAMELESS LINEAR VOICE COIL ACTUATORS (VCA)
logo
LEM
LA10-PB LEM-LA10-PB Datasheet
24Kb / 2P
   Current Transducer LA 03~20-PB
LA10-PB LEM-LA10-PB Datasheet
183Kb / 3P
   Current Transducer
logo
Sensata Technologies, I...
LA100-93-001A-50I SENSATA-LA100-93-001A-50I Datasheet
153Kb / 2P
   CYLINDRICAL SEMI-HOUSED LINEAR VOICE COIL ACTUATORS (VCA)
More results

Podobny opis - LA1070

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA8161V SANYO-LA8161V Datasheet
89Kb / 7P
   Monolithic Linear IC AGC Amplifier and Pre Amplifier
LA8160V SANYO-LA8160V Datasheet
89Kb / 7P
   Monolithic Linear IC AGC Amplifier and Pre Amplifier
LA8128T SANYO-LA8128T Datasheet
187Kb / 6P
   Monolithic Linear IC AGC Amplifier with Step Gain Control
LA8120T SANYO-LA8120T Datasheet
177Kb / 8P
   Monolithic Linear IC AGC Amplifier with Step Gain Control
LA8123TT SANYO-LA8123TT Datasheet
89Kb / 7P
   Monolithic Linear IC For Digital CATV/Cable Modem Receiver AGC Amplifier
logo
ON Semiconductor
LB1837M ONSEMI-LB1837M Datasheet
325Kb / 6P
   Monolithic Linear IC
November, 2013
LB1843V ONSEMI-LB1843V Datasheet
331Kb / 10P
   Monolithic Linear IC
February, 2014
logo
Sanyo Semicon Device
LA1357N SANYO-LA1357N Datasheet
77Kb / 1P
   MONOLITHIC LINEAR IC
LA7520N SANYO-LA7520N Datasheet
134Kb / 3P
   Monolithic Linear IC
LA4814JA SANYO-LA4814JA Datasheet
555Kb / 16P
   Monolithic Linear IC 2-Channel Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com