Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA5797M Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LA5797M
Szczegółowy opis  Monolithic Linear IC For Variable Capacitance Diodes Charge Pump Step-up Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5797M Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LA5797M Datasheet HTML 1Page - Sanyo Semicon Device LA5797M Datasheet HTML 2Page - Sanyo Semicon Device LA5797M Datasheet HTML 3Page - Sanyo Semicon Device LA5797M Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
82207 MS 20070727-S00003 / 62707 MS PC No.A0852-1/4
LA5797M
Overview
The LA5797M is a charge pump step-up power supply for Variable capacitance diodes.
Features
• By using charge pump, no coils are necessary.
• Time-base generator (140kHz) incorporated.
• Thermal shutdown circuit incorporated.
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Input voltage
VIN
30
V
Allowable power dissipation
Pd max
Mounted on the specified board. *
0.91
W
Operating temperature
Topr
-25 to +90
°C
Storage temperature
Tstg
-40 to +150
°C
* Specified board: 114.3mm
× 76.1mm × 1.6mm, glass epoxy board.
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Input voltage range
VIN
7.5 to 28
V
Monolithic Linear IC
For Variable Capacitance Diodes
Charge Pump Step-up Power Supply
Ordering number : ENA0852A


Podobny numer części - LA5797M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA5797MC SANYO-LA5797MC Datasheet
221Kb / 4P
   For Variable Capacitance Diodes Charge Pump Step-up Power Supply
logo
ON Semiconductor
LA5797MC ONSEMI-LA5797MC Datasheet
188Kb / 4P
   Charge Pump Step-up Power Supply
August, 2013
More results

Podobny opis - LA5797M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA5797MC SANYO-LA5797MC Datasheet
221Kb / 4P
   For Variable Capacitance Diodes Charge Pump Step-up Power Supply
logo
ON Semiconductor
LA5797MC ONSEMI-LA5797MC Datasheet
188Kb / 4P
   Charge Pump Step-up Power Supply
August, 2013
LV5710GP ONSEMI-LV5710GP Datasheet
97Kb / 7P
   Power Supply for Charge Pump
August, 2014
logo
Torex Semiconductor
XC9801 TOREX-XC9801 Datasheet
103Kb / 10P
   Step-Up Charge Pump ICs
logo
Sanyo Semicon Device
LV56081GP SANYO-LV56081GP Datasheet
101Kb / 7P
   Charge Pump Power Supply
logo
Asahi Kasei Microsystem...
AME7720 AKM-AME7720 Datasheet
267Kb / 16P
   Step-Up/Step-Down 60mA Regulated Charge Pump
logo
Analog Microelectronics
AME7739 AME-AME7739 Datasheet
169Kb / 11P
   Step-Up / Step-Down 60mA Regulated Charge Pump
logo
Sanyo Semicon Device
LV5099CB SANYO-LV5099CB Datasheet
209Kb / 5P
   For HDMI controller Charge pump power supply
logo
Torex Semiconductor
XC9801 TOREX-XC9801_1 Datasheet
824Kb / 12P
   Regulated Voltage Step-Up Charge Pump ICs
logo
Holtek Semiconductor In...
HT7936A HOLTEK-HT7936A_10 Datasheet
1Mb / 16P
   White LED Step-up Charge Pump Converter
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com