Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA6261D Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LA6261D
Szczegółowy opis  Monolithic Linear IC For Optical Disk Applications 6-chnnel Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6261D Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LA6261D Datasheet HTML 1Page - Sanyo Semicon Device LA6261D Datasheet HTML 2Page - Sanyo Semicon Device LA6261D Datasheet HTML 3Page - Sanyo Semicon Device LA6261D Datasheet HTML 4Page - Sanyo Semicon Device LA6261D Datasheet HTML 5Page - Sanyo Semicon Device LA6261D Datasheet HTML 6Page - Sanyo Semicon Device LA6261D Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
41807 MS PC B8-7328 No.A0797-1/7
LA6261D
Overview
The LA6261D is a 6-channel driver (BTL: 4ch, H-bridge: 2ch) developed for use in optical disk applications.
Functions
• Power amplifier 4-channel (BTL), 2-channel (H-bridge) built-in
• IO max 700mA (Each channel)
• Level shift circuit built-in (BTL AMP)
• Overheat protection circuit (thermal shutdown) built-in
• Separate power supply for H-bridge (2ch)
• 3.3V regulator controller incorporated (output transistor provided externally)
• With each H-bridge output control pin
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC max
14
V
Maximum output current
IO max
Each channel for ch1 to ch6
0.7
A
Maximum input voltage
VINB
13
V
Mute pin voltage
VMUTE
13
V
Allowable power dissipation
Pd max
Independent IC
1.2
W
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
Monolithic Linear IC
For Optical Disk Applications
6-chnnel Driver
Ordering number : ENA0797


Podobny numer części - LA6261D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA6261 SANYO-LA6261 Datasheet
86Kb / 8P
   LA6261
LA6261 SANYO-LA6261 Datasheet
87Kb / 7P
   For Optical Disk Drive 6-Channel Driver (BTL: 4 channels, H bridge: 2 channels)
LA6261 SANYO-LA6261_07 Datasheet
87Kb / 7P
   For Optical Disk Drive 6-Channel Driver (BTL: 4 channels, H bridge: 2 channels)
More results

Podobny opis - LA6261D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
AN8473SA PANASONIC-AN8473SA Datasheet
57Kb / 6P
   Spindle motor driver IC for optical disk
AN8481SB PANASONIC-AN8481SB Datasheet
64Kb / 6P
   Spindle motor driver IC for optical disk
AN8470NSA PANASONIC-AN8470NSA Datasheet
71Kb / 8P
   Spindle motor driver IC for optical disk
AN8472SA PANASONIC-AN8472SA Datasheet
75Kb / 9P
   Spindle motor driver IC for optical disk
AN8730SB PANASONIC-AN8730SB Datasheet
79Kb / 7P
   4-channel driver IC for optical disk
AN8737SB PANASONIC-AN8737SB Datasheet
67Kb / 8P
   3-channel driver IC for optical disk drive
AN8813NSB PANASONIC-AN8813NSB Datasheet
53Kb / 5P
   4-channel driver IC for optical disk drive
AN8814SB PANASONIC-AN8814SB Datasheet
51Kb / 5P
   4-channel driver IC for optical disk drive
logo
Sanyo Semicon Device
LV0220CS SANYO-LV0220CS Datasheet
70Kb / 5P
   Monolithic Linear IC For Optical Pickups Front Monitor OE-IC
LA73073CL SANYO-LA73073CL Datasheet
241Kb / 6P
   Monolithic Linear IC Video Driver for DSC
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com