Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OPV222 Arkusz danych(PDF) 1 Page - OPTEK Technologies

Numer części OPV222
Szczegółowy opis  Vertical Cavity Surface Emitting Laser in Pill Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OPTEK [OPTEK Technologies]
Strona internetowa  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPV222 Arkusz danych(HTML) 1 Page - OPTEK Technologies

  OPV222 Datasheet HTML 1Page - OPTEK Technologies OPV222 Datasheet HTML 2Page - OPTEK Technologies OPV222 Datasheet HTML 3Page - OPTEK Technologies OPV222 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Optek Technology, Inc.
Carrollton, Texas 75006
(972) 323-2200
sensors@optekinc.com
www.optekinc.com
September 2003
Issue 3.1
Page 1 of 4
Vertical Cavity Surface
Emitting Laser in Pill
Package
Description
The OPV222 is a high performance 850nm VCSEL pack-
aged for sensing applications. This product’s combina-
tion of features including high speed, high output power
and concentric and narrow beam angle make it an ideal
transmitter for integration into many types of position
sensing equipment.
Applications include:
Photoelectric Sensors
Light Curtains
Position Sensors
Maximum Forward Peak Current
30 mA
Maximum Reverse Voltage
5 Volts
Storage Temperature
-40 to +125°C
Operating Temperature
-40 to +85°C
Soldering Lead Temperature
260°C for 10 Seconds
Max. Continuous Optical Power at 70°C
1.1 mW
Absolute Maximum Ratings (TA = 25°C unless otherwise noted)
Features
850nm VCSEL Technology
High thermal stability
Low drive current/high output intensity
Pill Package with Dome Lens
Well collimated beam profile
Additional laser safety information can be found
on the Optek website. See application #221.
Classification is not marked on the device due to
space limitations. See package outline for
centerline of optical radiance. Operating devices
beyond maximum rating may result in hazardous
radiation exposure.


Podobny numer części - OPV222

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OPTEK Technologies
OPV220 OPTEK-OPV220 Datasheet
232Kb / 4P
   Vertical Cavity Surface Emitting Laser in Pill Package
More results

Podobny opis - OPV222

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OPTEK Technologies
OPV220 OPTEK-OPV220 Datasheet
232Kb / 4P
   Vertical Cavity Surface Emitting Laser in Pill Package
logo
TT Electronics.
OPV320 TTELEC-OPV320 Datasheet
185Kb / 2P
   Vertical Cavity Surface Emitting Laser in Pill Package
logo
OPTEK Technologies
OPV322 OPTEK-OPV322_14 Datasheet
156Kb / 2P
   Vertical Cavity Surface Emitting Laser in Pill Package
OPV320 OPTEK-OPV320 Datasheet
188Kb / 2P
   Vertical Cavity Surface Emitting Laser in Pill Package
OPV322 OPTEK-OPV322 Datasheet
204Kb / 2P
   Vertical Cavity Surface Emitting Laser in Pill Package
logo
TT Electronics.
OPV322 TTELEC-OPV322 Datasheet
707Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral Pill Package
logo
OPTEK Technologies
OPV380 OPTEK-OPV380 Datasheet
215Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
logo
TT Electronics.
OPV380 TTELEC-OPV380 Datasheet
762Kb / 4P
   Vertical Cavity Surface Emitting Laser in Lateral Package
OPV382 TTELEC-OPV382 Datasheet
679Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral Package
logo
OPTEK Technologies
OPV382 OPTEK-OPV382 Datasheet
188Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com