Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSC-25A Arkusz danych(PDF) 1 Page - Willow Technologies Ltd

Numer części TSC-25A
Szczegółowy opis  Tubular Power Wirewound Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WILLOW [Willow Technologies Ltd]
Strona internetowa  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

TSC-25A Arkusz danych(HTML) 1 Page - Willow Technologies Ltd

  TSC-25A Datasheet HTML 1Page - Willow Technologies Ltd TSC-25A Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
rev.03/2006A
TSC & TVC Series
Resistances from 1 to 48kOhms
Power Rating 5 to 225Watts
Resistance Tolerances to ± 5%
Options:
SPECIFICATIONS
ForNon-InductiveWindings/inserttheletter“N”(i.e.TSCN-50)
TSC-50andlargerpartsareAvailablewith0.250x0.032QuickConnectTerminal/Add“QC”to
thePartNumber.
Push-infrictiongripmountingbracketsareAvailable/Add“BKTS”toPartNumber
PartNumber-Resistance-Tolerance-TCR(Ifnotstandard)-Quick-Connects-Brackets
Example:TSC-75100Ohm5%QCBKTS
0
50
100
150
200
250
300
350
400
0
20
40
60
80
100
120
AmbientTemperature(°C)
PowerDeratingCurve
Specification
Value
ResistanceRange
1Wto 48kOhms
Tolerances
±5%Standard(CallFactoryforOtherTolerances)
Temperature Coefficient
>20R:±200ppm/K
1Rto20R:±260ppm/K
TemperatureRange
-55°Cto+350°C
DielectricStrength
1000VAC
Overload
10XRatedPower/5s
TubularPowerWirewoundResistors
Ordering Information
Special Tolerances
Ayrton-Perry / Non-Inductive Windings
Fixed / Tapped / or Adjustable
Quick Connect Terminals
Mounting Brackets
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, United Kingdom.
+ 44 (0) 1342 835234
+ 44 (0) 1342 834306
info@willow.co.uk
http://www.willow.co.uk


Podobny numer części - TSC-25A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Riedon Powertron
TSC-25A RIEDON-TSC-25A Datasheet
289Kb / 2P
   Tubular Power Wirewound Resistors
TSC-25A RIEDON-TSC-25A Datasheet
161Kb / 2P
   Tubular Power Wirewound Resistors
More results

Podobny opis - TSC-25A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
RBEA VISHAY-RBEA Datasheet
105Kb / 5P
   Wirewound Resistors, Industrial Power, Tubular, Tubular,
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5_13 Datasheet
161Kb / 2P
   Tubular Power Wirewound Resistors
TSC-5 RIEDON-TSC-5 Datasheet
289Kb / 2P
   Tubular Power Wirewound Resistors
TVC-5 RIEDON-TVC-5 Datasheet
161Kb / 2P
   Vitreous Tubular Power Wirewound Resistors
logo
Welwyn Components Limit...
CW10 WELWYN-CW10 Datasheet
71Kb / 2P
   Tubular Cement Coated Wirewound Resistors
1600 WELWYN-1600 Datasheet
335Kb / 7P
   Tubular Vitreous Enamelled Wirewound Resistors
logo
TT Electronics.
1600 TTELEC-1600_17 Datasheet
921Kb / 7P
   Tubular Vitreous Enamelled Wirewound Resistors
logo
Vishay Siliconix
HL01205Z10R00JJ VISHAY-HL01205Z10R00JJ Datasheet
135Kb / 4P
   Wirewound Resistors, Industrial Power, Tubular (HL), Non-Inductive Tubular (NHL)
Revision: 12-Mar-14
NHL VISHAY-NHL Datasheet
127Kb / 4P
   Wirewound Resistors, Industrial Power, Tubular (HL), Non-Inductive Tubular (NHL)
Revision: 26-Feb-16
MCR VISHAY-MCR Datasheet
167Kb / 4P
   Wirewound Resistors, Industrial Power, Tubular, Metal Case, MCRL
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com