Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA42351 Arkusz danych(PDF) 2 Page - Sanyo Semicon Device

Numer części LA42351
Szczegółowy opis  Monolithic Linear IC 5W 2-Channel AF Power Amplifier With DC Volume Control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA42351 Arkusz danych(HTML) 2 Page - Sanyo Semicon Device

  LA42351 Datasheet HTML 1Page - Sanyo Semicon Device LA42351 Datasheet HTML 2Page - Sanyo Semicon Device LA42351 Datasheet HTML 3Page - Sanyo Semicon Device LA42351 Datasheet HTML 4Page - Sanyo Semicon Device LA42351 Datasheet HTML 5Page - Sanyo Semicon Device LA42351 Datasheet HTML 6Page - Sanyo Semicon Device LA42351 Datasheet HTML 7Page - Sanyo Semicon Device LA42351 Datasheet HTML 8Page - Sanyo Semicon Device LA42351 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LA42352
No.A0078-2/9
Specitications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
No signal
24
V
Allowable power dissipation
Pd max
Infinite heat sink
15
W
Maximum junction temperature
Tj max
150
°C
Thermal resistance
θjc
3
°C/W
Operating temperature
Topr
-25 to +75
°C
Storage temperature
Tstg
-40 to +150
°C
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
18
V
Recommended load resistance
RL
8
Allowable operating voltage range
VCC op
10 to 22
V
Operating Characteristics at Ta = 25
°C, VCC = 18V, RL = 8Ω, Volume = 5V, f = 1kHz, Rg = 600Ω
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Standby current
ISTB
Amplifier off
1
10
µA
Quiescent current
ICCO
Rg = 0, Volume = 0V
35
65
130
mA
Output power
PO
THD = 10%
4
5
W
Total harmonic distortion
THD
PO = 1W
0.1
0.8
%
Voltage gain
VG
VO = 0dBm
32.5
34.5
36.5
dB
Output noise voltage
VNO
Rg = 0, Volume = 0V,
BPF = 20Hz to 20kHz
0.13
0.4
mVrms
Volume Attenuation
Att
VIN = 100mV, Vcont = 0V, with 1k-BPF
70
80
dB
Channel separation
Sep.
Rg = 10k
Ω, VO = 0dBm
48
55
dB
VSTB-H
Amplifier on
2.5
10
V
Standby control voltage
(The Pin 5 voltage)
VSTB-L
Amplifier off
0
0.5
V
Input resistance
Ri
14
20
26
k
*0dBm = 1mW (600
Ω) = 774.6mVrms
Package Dimensions
unit : mm
3107B


Podobny numer części - LA42351

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA42351 SANYO-LA42351 Datasheet
96Kb / 6P
   Audio Output for TV Application 5W횞1ch Power Ampilfier
LA42351 SANYO-LA42351 Datasheet
96Kb / 6P
   Audio Output for TV Application 5W횞1ch Power Ampilfier
More results

Podobny opis - LA42351

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TDA7496 STMICROELECTRONICS-TDA7496 Datasheet
167Kb / 10P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA7496 STMICROELECTRONICS-TDA7496_03 Datasheet
236Kb / 11P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_10 Datasheet
259Kb / 8P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496 Datasheet
231Kb / 6P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496SA STMICROELECTRONICS-TDA7496SA Datasheet
1Mb / 13P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_05 Datasheet
187Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_12 Datasheet
247Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_15 Datasheet
247Kb / 7P
   5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Sanyo Semicon Device
LA4814JA SANYO-LA4814JA Datasheet
555Kb / 16P
   Monolithic Linear IC 2-Channel Power Amplifier
LA4814V SANYO-LA4814V Datasheet
582Kb / 17P
   Monolithic Linear IC 2-Channel Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com