Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA77000V Arkusz danych(PDF) 5 Page - Sanyo Semicon Device

Numer części LA77000V
Szczegółowy opis  Monolithic Linear IC VHF Band RF Modulator (US3, 4ch Compatible)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA77000V Arkusz danych(HTML) 5 Page - Sanyo Semicon Device

  LA77000V Datasheet HTML 1Page - Sanyo Semicon Device LA77000V Datasheet HTML 2Page - Sanyo Semicon Device LA77000V Datasheet HTML 3Page - Sanyo Semicon Device LA77000V Datasheet HTML 4Page - Sanyo Semicon Device LA77000V Datasheet HTML 5Page - Sanyo Semicon Device LA77000V Datasheet HTML 6Page - Sanyo Semicon Device LA77000V Datasheet HTML 7Page - Sanyo Semicon Device LA77000V Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LA77000V
No. 7875-5/8
Continued from preceding page.
Pin
No.
Symbol
Voltage
Circuit
Remarks
7
IN XTAL
3.5
4MHz oscillator inserted between the circuit and GND.
External input of the 4MHz signal possible. Insertion of
about 270k
Ω resistor between the circuit and GND
ensurescompatibility with 3.58MHz of VTR chroma
sub-carrier.
Insertion of about 270k
Ω resistor between the circuit and
VCC ensurescompatibility with 27MHz of D-STB reference.
8
CH
1.7
CH selector pin
US3: 4.2V or more
US4: 2.7V to 3.8V
9
PLL
GND
0
PLL type GND
10
RF GND
0
RF type GND
11
VCC2
5.0
RF VCO type VCC
12
RF LPF
2.6
Control pin of output RF oscillator for the PLL phase
detector charge pump.
Continued on next page.
33k
17k
5k
8
12
1k
2.2V
2.8V
1k
2k
5PF 100Ω
500
7


Podobny numer części - LA77000V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA7710 SANYO-LA7710 Datasheet
82Kb / 4P
   SECAM,PAL (Quasi-Parallel) Audio IF Circuit
LA7760 SANYO-LA7760 Datasheet
312Kb / 7P
   LA7760
LA7761 SANYO-LA7761 Datasheet
266Kb / 6P
   LA7761
LA7770 SANYO-LA7770 Datasheet
127Kb / 6P
   FSK Receiver for CATV Use
LA7775M SANYO-LA7775M Datasheet
74Kb / 5P
   Wideband FSK Receiver
More results

Podobny opis - LA77000V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA7161BM SANYO-LA7161BM Datasheet
260Kb / 8P
   VHF Band RF Modulator (US3, 4ch, JPN1, 2ch,TWN13ch compatible)
LA7161BV SANYO-LA7161BV Datasheet
204Kb / 8P
   VHF Band RF Modulator (US3, 4ch, JPN1, 2ch, TWN13ch compatible)
LA79600GP SANYO-LA79600GP Datasheet
99Kb / 8P
   Monolithic Linear IC AV TRANSMITTER (US3, 4ch, JPN1, 2ch, TWN13ch compatible)
LA7160M SANYO-LA7160M Datasheet
39Kb / 3P
   VHF Band RF Modulator
LA7161V SANYO-LA7161V Datasheet
78Kb / 5P
   VHF Band RF Modulator
logo
New Japan Radio
NJM2519A NJRC-NJM2519A Datasheet
135Kb / 8P
   RF Modulator for VHF Band
NJM2536A NJRC-NJM2536A Datasheet
125Kb / 9P
   RF Modulator for VHF Band
logo
Sanyo Semicon Device
LA7161NV SANYO-LA7161NV_06 Datasheet
79Kb / 2P
   VHF Band RF Modulator (Supports US 3, 4ch, JPN 1, 2ch, TWN 13ch)
LA5683T SANYO-LA5683T Datasheet
192Kb / 12P
   Monolithic Linear IC 4ch Switching Regulator Control IC
logo
Toshiba Semiconductor
TA1372FNG TOSHIBA-TA1372FNG Datasheet
186Kb / 15P
   VHF Band RF Modulator IC for VCRs and Set top boxes
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com