Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA79600GP Arkusz danych(PDF) 6 Page - Sanyo Semicon Device

Numer części LA79600GP
Szczegółowy opis  Monolithic Linear IC AV TRANSMITTER (US3, 4ch, JPN1, 2ch, TWN13ch compatible)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA79600GP Arkusz danych(HTML) 6 Page - Sanyo Semicon Device

  LA79600GP Datasheet HTML 1Page - Sanyo Semicon Device LA79600GP Datasheet HTML 2Page - Sanyo Semicon Device LA79600GP Datasheet HTML 3Page - Sanyo Semicon Device LA79600GP Datasheet HTML 4Page - Sanyo Semicon Device LA79600GP Datasheet HTML 5Page - Sanyo Semicon Device LA79600GP Datasheet HTML 6Page - Sanyo Semicon Device LA79600GP Datasheet HTML 7Page - Sanyo Semicon Device LA79600GP Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LA79600GP
No.A0850-6/8
Continued from preceding page.
Pin No.
Pin name
Voltage
(V)
Function
Equivalent Circuit
24
ANT DRV
3.5
Antena driver pin
15mA drive
Cautions for use
• Set the variable L (between pins 17 and 18) of RFVCO so that the RF output frequency becomes 67.25MHz when 2.7V
is applied to V21 (pin21) in the US4ch mode for the US specifications, 97.25MHz when 2.6V is applied to V21 (pin21)
in the JPN2ch mode for the JPN specifications, and 211.25MHz when 2.5V is applied to V21 (pin21) in the TWN13ch
mode for the TWN specifications.
• Please observe Radio Law in each country when you use this product.
50k
Ω 1kΩ
100k
Ω
24


Podobny numer części - LA79600GP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA7910 SANYO-LA7910 Datasheet
57Kb / 3P
   TV Tuner Band Selector?
LA7911 SANYO-LA7911 Datasheet
70Kb / 3P
   TV Tuner Controller
LA7915 SANYO-LA7915 Datasheet
138Kb / 3P
   PERIPHERAL CIRCUIT FOR TV/VTR FREQUENCY SYNTHESIZER CHANNEL SELECT SYSTEM
LA7916 SANYO-LA7916 Datasheet
94Kb / 4P
   Peripheral Circuit for TV/VCR Frepuency Synthesizer Channel Select System
LA7920 SANYO-LA7920 Datasheet
51Kb / 3P
   TV Tuner Band Selector
More results

Podobny opis - LA79600GP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA7161BM SANYO-LA7161BM Datasheet
260Kb / 8P
   VHF Band RF Modulator (US3, 4ch, JPN1, 2ch,TWN13ch compatible)
LA7161BV SANYO-LA7161BV Datasheet
204Kb / 8P
   VHF Band RF Modulator (US3, 4ch, JPN1, 2ch, TWN13ch compatible)
LA77000V SANYO-LA77000V Datasheet
209Kb / 8P
   Monolithic Linear IC VHF Band RF Modulator (US3, 4ch Compatible)
LA5683T SANYO-LA5683T Datasheet
192Kb / 12P
   Monolithic Linear IC 4ch Switching Regulator Control IC
LA6245P SANYO-LA6245P Datasheet
313Kb / 10P
   Monolithic Linear IC For CD Player 4ch Bridge (BTL) Motor Driver
logo
ON Semiconductor
LB1837M ONSEMI-LB1837M Datasheet
325Kb / 6P
   Monolithic Linear IC
November, 2013
LB1843V ONSEMI-LB1843V Datasheet
331Kb / 10P
   Monolithic Linear IC
February, 2014
logo
Sanyo Semicon Device
LA1357N SANYO-LA1357N Datasheet
77Kb / 1P
   MONOLITHIC LINEAR IC
LA7520N SANYO-LA7520N Datasheet
134Kb / 3P
   Monolithic Linear IC
LA6570 SANYO-LA6570 Datasheet
324Kb / 3P
   Monolithic Linear IC 5CH Driver (BTL : 4CH, H-Bridge : 1CH) for CD
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com