Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11691 Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LB11691
Szczegółowy opis  Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11691 Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LB11691 Datasheet HTML 1Page - Sanyo Semicon Device LB11691 Datasheet HTML 2Page - Sanyo Semicon Device LB11691 Datasheet HTML 3Page - Sanyo Semicon Device LB11691 Datasheet HTML 4Page - Sanyo Semicon Device LB11691 Datasheet HTML 5Page - Sanyo Semicon Device LB11691 Datasheet HTML 6Page - Sanyo Semicon Device LB11691 Datasheet HTML 7Page - Sanyo Semicon Device LB11691 Datasheet HTML 8Page - Sanyo Semicon Device LB11691 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
80807 MS PC B8-9096 No.A0879-1/21
LB11691
Overview
The LB11691 are three-phase bipolar PWM drive pre-driver ICs that allow the output circuits to be implemented using
only n-channel FETs. These ICs can implement, at low cost, high-efficiency drive circuits in applications that use motors
that require high drive currents. These ICs include a built-in Hall sensor signal F/V conversion circuit and can provide a
voltage that is proportional to motor speed for use, for example, in speedometers for electric bicycles. These ICs also
support use in applications that holds the speed controlled at a constant rate as the load varies.
Features
• Three-phase bipolar PWM drive (high and low side n-channel FET drive)
• Maximum supply voltage : 45V
• Gate drive voltage : about 10V (high and low side n-channel FETs)
• Hall sensor signal F/V conversion circuit (one-shot multivibrator output)
• Synthesized three-phase Hall sensor signal output
• Built-in current limiter and undervoltage protection circuits
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage 1
VCC max
VCC pin
45
V
Supply voltage 2
VB max
VB pin
60
V
Output current 1-1
IO max1
UL, VL, and WL pins
50
mA
Output current 2-1
IO max2-1
UH, VH, and WH pins sink current
30
mA
Output current 2-2
IO max2-2
UH, VH, and WH pins source current
40
mA
RF pin application voltage
VRF max
4V
LVS pin application voltage
VLVS max
60
V
Continued on next page.
Monolithic digital IC
Pre-Driver IC for Brushless
Motor Drive in Electric Bicycles
Ordering number : ENA0879


Podobny numer części - LB11691

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11691H SANYO-LB11691H Datasheet
206Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
More results

Podobny opis - LB11691

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11691H SANYO-LB11691H Datasheet
206Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11690 SANYO-LB11690 Datasheet
201Kb / 19P
   Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11697V SANYO-LB11697V Datasheet
344Kb / 14P
   Monolithic Digital IC Brushless Motor Driver IC
LB11620T SANYO-LB11620T Datasheet
133Kb / 11P
   Monolithic Digital IC Brushless Motor Driver
LB11620GP SANYO-LB11620GP Datasheet
204Kb / 13P
   Monolithic Digital IC Brushless Motor Driver
LV8138V SANYO-LV8138V Datasheet
269Kb / 19P
   Bi-CMOS IC For Brushless Motor Drive Sine wave PWM Drive, Pre driver IC
LV8827LF SANYO-LV8827LF Datasheet
220Kb / 13P
   For Brushless Motor Drive PWM Driver IC
LV8829LF SANYO-LV8829LF Datasheet
270Kb / 13P
   For Brushless Motor Drive PWM Driver IC
logo
ON Semiconductor
LV8829LFQA-NH ONSEMI-LV8829LFQA-NH Datasheet
232Kb / 13P
   For Brushless Motor Drive PWM Driver IC
May, 2013
LV8827LFQA ONSEMI-LV8827LFQA Datasheet
232Kb / 13P
   For Brushless Motor Drive PWM Driver IC
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com