Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11692JH Arkusz danych(PDF) 8 Page - Sanyo Semicon Device

Numer części LB11692JH
Szczegółowy opis  Monolithic Digital IC 24V Fan Motor Driver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11692JH Arkusz danych(HTML) 8 Page - Sanyo Semicon Device

Back Button LB11692JH Datasheet HTML 4Page - Sanyo Semicon Device LB11692JH Datasheet HTML 5Page - Sanyo Semicon Device LB11692JH Datasheet HTML 6Page - Sanyo Semicon Device LB11692JH Datasheet HTML 7Page - Sanyo Semicon Device LB11692JH Datasheet HTML 8Page - Sanyo Semicon Device LB11692JH Datasheet HTML 9Page - Sanyo Semicon Device LB11692JH Datasheet HTML 10Page - Sanyo Semicon Device LB11692JH Datasheet HTML 11Page - Sanyo Semicon Device LB11692JH Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LB11692JH
No.A0333-8/12
Continued from preceding page.
Pin
No.
Symbol
Pin Description
Equivalent Circuit
25
PWM
PWM oscillator frequency setting.
Connect a capacitor between this pin and ground.
A frequency of about 21kHz can be set by using
a 2200pF capacitor.
26
GND1
Ground
(For circuits other than the motor drive output system)
28
27
30
29
32
31
IN1+
IN1-
IN2+
IN2-
IN3+
IN3-
Hall effect sensor inputs
High when IN+ > IN-, low for the reverse state.
Signal inputs with an amplitude (differential) of at least
100mVp-p are desirable for the Hall inputs.
If noise is a problem, connect capacitors between
the IN+ and IN- inputs.
33
F/R
Forward/reverse control
Low: forward, high or open: reverse.
1,3
5,6
13,19
24,35
NC
No connection.
The NC pins may be used for wiring connections.
FRAME
Frame connection
The FRAME pin is connected internally to the IC surface
metal parts. Both must be used in the electrically open
state.
VREG
200
25
VREG
300
28
300
31
29
27
32
30
VREG
3.5k
33


Podobny numer części - LB11692JH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11690 SANYO-LB11690 Datasheet
201Kb / 19P
   Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11690H SANYO-LB11690H Datasheet
201Kb / 19P
   Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11691 SANYO-LB11691 Datasheet
205Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11691H SANYO-LB11691H Datasheet
206Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11693 SANYO-LB11693 Datasheet
129Kb / 12P
   Three-Phase Brushless Motor Driver for 24 V Fan Motors
More results

Podobny opis - LB11692JH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11988V SANYO-LB11988V_12 Datasheet
122Kb / 6P
   Monolithic Digital IC Fan Motor Driver
LB11988H SANYO-LB11988H_12 Datasheet
123Kb / 6P
   Monolithic Digital IC Fan Motor Driver
LB11988HR SANYO-LB11988HR_12 Datasheet
123Kb / 6P
   Monolithic Digital IC Fan Motor Driver
LB11693JH SANYO-LB11693JH_10 Datasheet
158Kb / 12P
   24V Fan Motor Driver IC
logo
ON Semiconductor
LB11693JH ONSEMI-LB11693JH Datasheet
139Kb / 12P
   24V Fan Motor Driver IC
May, 2013
logo
Sanyo Semicon Device
LB11693H SANYO-LB11693H Datasheet
915Kb / 24P
   Monolithic Digital IC 3-Phase Brushless Motor Driver for 24V Fan Motors
LB11851M SANYO-LB11851M Datasheet
74Kb / 6P
   Monolithic Digital IC Microprocessor Fan Motor Interface Driver
LB1801CL SANYO-LB1801CL Datasheet
89Kb / 9P
   Monolithic Digital IC Stepping Motor Driver IC
LB1800CL SANYO-LB1800CL Datasheet
80Kb / 8P
   Monolithic Digital IC Stepping Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com