Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA3128 Arkusz danych(PDF) 1 Page - OPTEK Technologies

Numer części KA3128
Szczegółowy opis  Reflective Color Sensor Assembly
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OPTEK [OPTEK Technologies]
Strona internetowa  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

KA3128 Arkusz danych(HTML) 1 Page - OPTEK Technologies

  KA3128 Datasheet HTML 1Page - OPTEK Technologies KA3128 Datasheet HTML 2Page - OPTEK Technologies KA3128 Datasheet HTML 3Page - OPTEK Technologies KA3128 Datasheet HTML 4Page - OPTEK Technologies KA3128 Datasheet HTML 5Page - OPTEK Technologies KA3128 Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Reflective Color Sensor Assembly
OPB780Z
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.3
04/07
Page 1 of 6
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Features:
High-resolution conversion of light intensity to frequency
Selectable color output frequency
Communicates directly with a microcontroller
Sensor power supply operation (2.7 V to 5.5 V)
LED power separate input
Includes LED, Sensor and interface cable
Ordering Information
OPB780Z
OPB780 with 10” Long Flat Flex Cable
KA3128
10” Long Flat Flex Cable
RoHS
Description:
The OPB780Z color sensor uses a light-to-frequency converter that combines 64 configurable silicon photodiodes
(on a 144 um center and measuring 120 um x 120 um each), with a white LED in a small, lightweight package that
makes it ideal for using in miniature applications.
The output is a square wave (50% duty cycle) with a frequency directly proportional to reflected light intensity
(irradiance).
The light-to-frequency converter reads an 8 x 8 array of photodiodes that consists of four groups of 16 photodiodes
each, segregated by color: 16 photodiodes with red filters, 16 photodiodes with green filters, 16 photodiodes with
blue filters and 16 clear photodiodes with no filters. Each color’s group of 16 photodiodes is interdigitated to
minimize the effect of non-uniformity of the incident irradiance. Each color’s group is also connected in parallel.
The type of photodiode used during operation is pin-selectable.
The output of the device is designed to drive a standard TTL or CMOS logic input over short distances.
The internal photodiode used by the device is controlled by two logic inputs, S2 and S3. See page 4 for more
information.
A 10 “ [25.4 cm] Flat Flexible Cable (FFC) is included for easy hook-up.
The FFC is designed to interface with an AVX (ELCO) part number 04 6249 0080 00 800 connector.
For more information, contact your local representative or OPTEK.
Applications:
Photographic equipment
Colormetry
Chemical analyzers
Display contrast controls
High resolution digital measurement of light
intensity
Photodiode Array
Current-to-Frequency
Converter
S3
S2
Out
Light
6
4
3
Block Diagram


Podobny numer części - KA3128

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA3120 FAIRCHILD-KA3120 Datasheet
782Kb / 43P
   SPINDLE & VOICE COIL MOTOR ONE CHIP DRIVER
More results

Podobny opis - KA3128

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Honeywell Accelerometer...
HOA2498-002 HONEYWELL-ACC-HOA2498-002 Datasheet
419Kb / 4P
   Reflective Sensor
logo
Honeywell Solid State E...
HOA1180 HONEYWELL-HOA1180 Datasheet
329Kb / 2P
   Reflective Sensor
HOA0709-011 HONEYWELL-HOA0709-011 Datasheet
437Kb / 4P
   Reflective Sensor
logo
Honeywell Accelerometer...
HOA1404 HONEYWELL-ACC-HOA1404 Datasheet
441Kb / 4P
   Reflective Sensor
logo
Honeywell Solid State E...
HOA1405 HONEYWELL-HOA1405 Datasheet
387Kb / 4P
   Reflective Sensor
logo
Honeywell Accelerometer...
HOA0709-001 HONEYWELL-ACC-HOA0709-001 Datasheet
437Kb / 4P
   Reflective Sensor
logo
TEXAS ADVANCED OPTOELEC...
TRS1722 TAOS-TRS1722 Datasheet
129Kb / 10P
   HIGH SENSITIVITY REFLECTIVE COLOR SENSOR WITH LIGHTTOVOLTAGE CONVERTERS
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
164Kb / 4P
   REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPR5005 OPTEK-OPR5005 Datasheet
191Kb / 2P
   SMD REFLECTIVE SENSOR
OPB745 OPTEK-OPB745 Datasheet
217Kb / 2P
   REFLECTIVE OBJECT SENSOR
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com