Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS48D50 Arkusz danych(PDF) 1 Page - Teledyne Technologies Incorporated

Numer części SS48D50
Szczegółowy opis  Output to 75A, 510 Vac Solid-State Relay with Diagnostic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TELEDYNE [Teledyne Technologies Incorporated]
Strona internetowa  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

SS48D50 Arkusz danych(HTML) 1 Page - Teledyne Technologies Incorporated

  SS48D50 Datasheet HTML 1Page - Teledyne Technologies Incorporated SS48D50 Datasheet HTML 2Page - Teledyne Technologies Incorporated SS48D50 Datasheet HTML 3Page - Teledyne Technologies Incorporated SS48D50 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2003 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
SS Page 1
SS/052002\Q1
NEW Series SS
Output to 75A, 510 Vac
Solid-State Relay with Diagnostic
Part Number
Description
SS24D50
50A, 70–280 Vac with diagnostic
SS24D75
75A, 70–280 Vac with diagnostic
SS48D50
50A, 150–510 Vac with diagnostic
SS48D75
75A, 150–510 Vac with diagnostic
Part Number Explanation
ELECTRICAL SPECIFICATIONS
(+25°C ambient temperature unless otherwise specified)
INPUT (CONTROL) SPECIFICATIONS
Min
Max
Units
Control Range
SS24
7
32
V
SS48
8
32
V
Input Current Range
SS24
4
30
mA
SS48
4
28
mA
Must Turn-Off Voltage
SS24
3
V
SS48
4
V
Input Resistance (Typical)
All relays
1000
Ohms
Reverse Voltage Protection
All relays
30
V
FEATURES/BENEFITS
• Zero switching AC output
• DC control input
• Fault detection: line or load open; short-circuit output
• Solid-state N.C. status output without power supply
• Control and status LED indicators
• Terminal block for control and status output connections
SS
24
D
50
Series
Switch Type2
Line Voltage1
Output Current – Amps
Figure 2
Status output
Without faults, the status output is normally closed (NC)
Vc
Ic
Control
Vds
0V/Vs
green
yellow
1 L1
Mains
150–510V
Fuse
Load
2 T1
Vs Id
A1
4+
3–
A2
6+
5–
BLOCK DIAGRAM
MECHANICAL SPECIFICATION
Figure 1
1.063 (27)
0.898 ±0.02
(22.8 ±0.5)
0.77
(19.6)
1.38 (35)
TOLERANCES: ±0.01 (±0.3)
WEIGHT: 3.52 oz. (100g)
0.89 (28)
Ø4.7
1.75 (44.5)
1.14 (29)
M4
status
control
with heat sink
150–510 Vac
1 L1
2 T1
75A
N.C. output
max 30V 0.1A
8–32 Vdc
A1
A2
3– 4+
5– 6+
STATUS OUTPUT SPECIFICATIONS
Min
Max
Units
Supply Voltage
1
32
V
Output Current
0
0.1
A
On Resistance
2
Ohms
Maximum Cable Length
40
m


Podobny numer części - SS48D50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
SS480806 TRIPPLITE-SS480806 Datasheet
162Kb / 4P
   8-Outlet Power Strip with Surge Protection, 6 ft. (1.83 m) Cord, 1650 Joules, 48 in. length
logo
SEC Electronics Inc.
SS4825 SECELECTRONICS-SS4825 Datasheet
383Kb / 5P
   Linear Hall Effect Sensor
SS4825ESOT SECELECTRONICS-SS4825ESOT Datasheet
383Kb / 5P
   Linear Hall Effect Sensor
SS4825EUA SECELECTRONICS-SS4825EUA Datasheet
383Kb / 5P
   Linear Hall Effect Sensor
SS4825KSOT SECELECTRONICS-SS4825KSOT Datasheet
383Kb / 5P
   Linear Hall Effect Sensor
More results

Podobny opis - SS48D50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Teledyne Technologies I...
SSH TELEDYNE-SSH Datasheet
859Kb / 5P
   Output to 75A, 510 Vac with Diagnostics
DR24D25 TELEDYNE-DR24D25 Datasheet
172Kb / 4P
   Single Output to 30A 510 Vac DIN-Rail Solid-State Relay
DRL48R35 TELEDYNE-DRL48R35 Datasheet
163Kb / 4P
   Single Output to 35A 510 Vac DIN-Rail Solid-State Relay
DRD48A20 TELEDYNE-DRD48A20 Datasheet
150Kb / 3P
   Dual Output to 25A 510 Vac DIN-Rail Solid-State Relay
DRS24D25 TELEDYNE-DRS24D25 Datasheet
166Kb / 4P
   Single Output to 30A 510 Vac DIN-Rail Solid-State Relay with Diagnostics
E3P2G48D25 TELEDYNE-E3P2G48D25 Datasheet
2Mb / 6P
   Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
logo
Tyco Electronics
SSR-240D25R MACOM-SSR-240D25R Datasheet
370Kb / 2P
   Solid State Relay With Paired SCR Output
SSR-480D25 MACOM-SSR-480D25 Datasheet
120Kb / 2P
   Solid State Relay With Paired SCR Output
logo
Teledyne Technologies I...
ST48A25-22 TELEDYNE-ST48A25-22 Datasheet
130Kb / 4P
   Single Output to 75A 600 Vac
logo
COSMO Electronics Corp...
KAQV213H COSMO-KAQV213H Datasheet
209Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com