Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC410591FN Arkusz danych(PDF) 7 Page - Sanyo Semicon Device

Numer części LC410591FN
Szczegółowy opis  CMOS IC Power Supply IC with Built-in White LED Charge Pump
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC410591FN Arkusz danych(HTML) 7 Page - Sanyo Semicon Device

Back Button LC410591FN Datasheet HTML 3Page - Sanyo Semicon Device LC410591FN Datasheet HTML 4Page - Sanyo Semicon Device LC410591FN Datasheet HTML 5Page - Sanyo Semicon Device LC410591FN Datasheet HTML 6Page - Sanyo Semicon Device LC410591FN Datasheet HTML 7Page - Sanyo Semicon Device LC410591FN Datasheet HTML 8Page - Sanyo Semicon Device LC410591FN Datasheet HTML 9Page - Sanyo Semicon Device LC410591FN Datasheet HTML 10Page - Sanyo Semicon Device LC410591FN Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LC410591FN
No.A0089-7/11
Unless otherwise specified,
Supply voltage (VIN)=3.6V, RSET=3.2kΩ, LED forward voltage (VF)=3.2V, Ta=25°C, 4-light control input bypass
capacitor (CIN)=2.2µF, output smoothing capacitor (CCP)=2.2µF, flying capacitor (C1,C2)=1µF
Charge Pump Efficiency - Supply Voltage
3.0
3.5
4.0
4.5
5.0
ILC01765
LED Current - Supply Voltage
Supply Voltage - V
LED Current - Duty Ratio of BRGT signal
LED Current - BRGTs Duty Ratio
6
3
4
5
2
1
0
6
3
4
5
2
1
0
3.0
3.5
4.0
4.5
5.0
ILC01766
Duty Ratio - %
Duty Ratio - %
120
100
80
60
40
20
0
100
80
60
40
20
0
0
20
40
60
100
80
0
20
40
60
100
80
ILC01767
30
25
20
15
10
5
0
3.0
3.5
4.0
4.5
5.0
ILC01769
Supply Voltage - V
Output Voltage - Supply Voltage
Supply Current - Supply Voltage
3.0
3.5
4.0
4.5
5.0
ILC01770
Supply Voltage - V
Supply Voltage - V
50
40
30
20
10
0
ILC01768
60°C
25°C
60°C
25°C
60
°C
25
°C
60°
C
25°
C
R S
ET
=2
kΩ
R SE
T
=3k
RSET=2kΩ
RSET=3.3kΩ


Podobny numer części - LC410591FN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC4105V SANYO-LC4105V Datasheet
66Kb / 6P
   Level Shifter
More results

Podobny opis - LC410591FN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seiko Instruments Inc
S-8813 SII-S-8813 Datasheet
366Kb / 29P
   3-CHANNEL WHITE LED DRIVER IC (CHARGE PUMP IC WITH BUILT-IN CONSTANT-CURRENT CIRCUIT)
logo
Panasonic Semiconductor
AN13206A PANASONIC-AN13206A Datasheet
165Kb / 8P
   Video 75 W Driver IC built in Charge Pump Circuit
logo
New Japan Radio
NJW4190 NJRC-NJW4190_13 Datasheet
72Kb / 7P
   Doubler Charge Pump IC
NJW4191 NJRC-NJW4191_13 Datasheet
72Kb / 7P
   Inverting Charge Pump IC
logo
Sanyo Semicon Device
LV5254LG SANYO-LV5254LG Datasheet
141Kb / 14P
   Bi-CMOS LSI Inverting Charge Pump Regulator IC
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_2 Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_15 Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
logo
New Japan Radio
NJW4190 NJRC-NJW4190 Datasheet
165Kb / 2P
   Doubler/Invert Charge Pump IC
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_1 Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A Datasheet
159Kb / 6P
   CHARGE PUMP VOLTAGE INVERTER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com