Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LS60D22C Arkusz danych(PDF) 4 Page - Teledyne Technologies Incorporated

Numer części LS60D22C
Szczegółowy opis  30A to 600 Vac SIP Package DC control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TELEDYNE [Teledyne Technologies Incorporated]
Strona internetowa  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

LS60D22C Arkusz danych(HTML) 4 Page - Teledyne Technologies Incorporated

  LS60D22C Datasheet HTML 1Page - Teledyne Technologies Incorporated LS60D22C Datasheet HTML 2Page - Teledyne Technologies Incorporated LS60D22C Datasheet HTML 3Page - Teledyne Technologies Incorporated LS60D22C Datasheet HTML 4Page - Teledyne Technologies Incorporated LS60D22C Datasheet HTML 5Page - Teledyne Technologies Incorporated LS60D22C Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LS 4
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2003 TELEDYNE RELAYS
LS\032003\Q2
Series LS
MOUNTING EXAMPLES
In each case, allow 0.16 in. (4mm) between the printed circuit board and the heat sink to keep a correct insulation
between input to output (0.16 in./4mm insulated washer). To maintain a good contact between the SSR and the heat
sink, use thermal grease.
Clips reference: L19101
Supports additional heat sink if necessary
2
(51)
0.16 (4)
to maintain
isolation
Thermal grease
Heat sinks references:
FW100: L=100mm about 4°C/W (1SSR) without ventilation (3.6°C/W with 4SSRs )
FW150: L=150mm about 3°C/W (1SSR) without ventilation (2.6°C/W with 6SSRs )
0.311 ±006
(7.9 ± 0.15)
clips: L19100
Printed circuit board
0.16 (4) to
maintain
insulation
M3
1.04
(26.5)
Thermal grease
Figure 7a — Thermal heat sinks with mounting clips; dimensions in inches (mm)
Figure 7b — Clips with screws on standard heat sinks; dimensions in inches (mm)


Podobny numer części - LS60D22C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Teledyne Technologies I...
LS60D22C TELEDYNE-LS60D22C Datasheet
460Kb / 6P
   30A to 600 Vac SIP Package DC Control
LS60D22C-HS1 TELEDYNE-LS60D22C-HS1 Datasheet
460Kb / 6P
   30A to 600 Vac SIP Package DC Control
More results

Podobny opis - LS60D22C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Teledyne Technologies I...
LS60D22C-HS1 TELEDYNE-LS60D22C-HS1 Datasheet
460Kb / 6P
   30A to 600 Vac SIP Package DC Control
BS24D4A TELEDYNE-BS24D4A Datasheet
87Kb / 2P
   4A to 600 Vac SIP Package DC Control
logo
Willow Technologies Ltd
AS4 WILLOW-AS4 Datasheet
319Kb / 4P
   5A to 600 Vac SIP Package
logo
Teledyne Technologies I...
DS6R3E TELEDYNE-DS6R3E Datasheet
81Kb / 2P
   3A to 220 Vdc SIP Package DC Control
logo
Willow Technologies Ltd
AS6 WILLOW-AS6 Datasheet
319Kb / 4P
   4A to 460 Vac SIP Package
logo
Teledyne Technologies I...
SD24R50-06 TELEDYNE-SD24R50-06 Datasheet
133Kb / 4P
   Dual Output to 50A 600 Vac DC Control
E3P48R50-16 TELEDYNE-E3P48R50-16 Datasheet
141Kb / 4P
   Three-Phase Output to 75A 600 Vac DC Control
logo
Murata Manufacturing Co...
LSN2-T30-D12 MURATA-LSN2-T30-D12 Datasheet
464Kb / 17P
   DOSA-SIP, 30A POL DC/DC Converters
LSN2-T MURATA-LSN2-T Datasheet
1Mb / 17P
   DOSA-SIP, 30A POL DC/DC Converters
logo
Littelfuse
KLKD LITTELFUSE-KLKD_17 Datasheet
623Kb / 7P
   600 Vac/dc
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com