Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD239C Arkusz danych(PDF) 2 Page - Power Innovations Ltd

Numer części BD239C
Szczegółowy opis  NPN SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POINN [Power Innovations Ltd]
Strona internetowa  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BD239C Arkusz danych(HTML) 2 Page - Power Innovations Ltd

  BD239C Datasheet HTML 1Page - Power Innovations Ltd BD239C Datasheet HTML 2Page - Power Innovations Ltd BD239C Datasheet HTML 3Page - Power Innovations Ltd BD239C Datasheet HTML 4Page - Power Innovations Ltd BD239C Datasheet HTML 5Page - Power Innovations Ltd BD239C Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BD239, BD239A, BD239B, BD239C
NPN SILICON POWER TRANSISTORS
2
JUNE 1973 - REVISED MARCH 1997
PRODUCT
INFORMATION
NOTES: 5. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%.
6. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
electrical characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-emitter
breakdown voltage
IC = 30 mA
(see Note 5)
IB = 0
BD239
BD239A
BD239B
BD239C
45
60
80
100
V
ICES
Collector-emitter
cut-off current
VCE = 55 V
VCE = 70 V
VCE = 90 V
VCE = 115 V
VBE = 0
VBE = 0
VBE = 0
VBE = 0
BD239
BD239A
BD239B
BD239C
0.2
0.2
0.2
0.2
mA
ICEO
Collector cut-off
current
VCE = 30 V
VCE = 60 V
IB = 0
IB = 0
BD239/239A
BD239B/239C
0.3
0.3
mA
IEBO
Emitter cut-off
current
VEB =
5 V
IC = 0
1
µA
hFE
Forward current
transfer ratio
VCE =
4 V
VCE =
4 V
IC = 0.2 A
IC =
1 A
(see Notes 5 and 6)
40
15
VCE(sat)
Collector-emitter
saturation voltage
IB =
0.2 A
IC =
1 A
(see Notes 5 and 6)
0.7
V
VBE
Base-emitter
voltage
VCE =
4 V
IC =
1 A
(see Notes 5 and 6)
1.3
V
hfe
Small signal forward
current transfer ratio
VCE = 10 V
IC = 0.2 A
f = 1 kHz
20
|h
fe|
Small signal forward
current transfer ratio
VCE = 10 V
IC = 0.2 A
f = 1 MHz
3
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Junction to case thermal resistance
4.17
°C/W
RθJA
Junction to free air thermal resistance
62.5
°C/W
resistive-load-switching characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ton
Turn-on time
IC = 200 mA
VBE(off) = -3.4 V
IB(on) = 20 mA
RL = 150 Ω
IB(off) = -20 mA
tp = 20 µs, dc ≤ 2%
0.3
µs
toff
Turn-off time
0.8
µs


Podobny numer części - BD239C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
BD239C STMICROELECTRONICS-BD239C Datasheet
32Kb / 4P
   NPN SILICON POWER TRANSISTOR
April 1999
logo
New Jersey Semi-Conduct...
BD239C NJSEMI-BD239C Datasheet
128Kb / 2P
   Silicon NPN Power Transistor
logo
Fairchild Semiconductor
BD239C FAIRCHILD-BD239C Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
logo
Bourns Electronic Solut...
BD239C BOURNS-BD239C Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
BD239C STMICROELECTRONICS-BD239C Datasheet
256Kb / 9P
   NPN power transistor
More results

Podobny opis - BD239C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com