Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD242A Arkusz danych(PDF) 2 Page - Power Innovations Ltd

Numer części BD242A
Szczegółowy opis  PNP SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POINN [Power Innovations Ltd]
Strona internetowa  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BD242A Arkusz danych(HTML) 2 Page - Power Innovations Ltd

  BD242A Datasheet HTML 1Page - Power Innovations Ltd BD242A Datasheet HTML 2Page - Power Innovations Ltd BD242A Datasheet HTML 3Page - Power Innovations Ltd BD242A Datasheet HTML 4Page - Power Innovations Ltd BD242A Datasheet HTML 5Page - Power Innovations Ltd BD242A Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BD242, BD242A, BD242B, BD242C
PNP SILICON POWER TRANSISTORS
2
JUNE 1973 - REVISED MARCH 1997
PRODUCT
INFORMATION
NOTES: 5. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%.
6. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
electrical characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-emitter
breakdown voltage
IC = -30 mA
(see Note 5)
IB = 0
BD242
BD242A
BD242B
BD242C
-45
-60
-80
-100
V
ICES
Collector-emitter
cut-off current
VCE = -55 V
VCE = -70 V
VCE = -90 V
VCE = -115 V
VBE = 0
VBE = 0
VBE = 0
VBE = 0
BD242
BD242A
BD242B
BD242C
-0.2
-0.2
-0.2
-0.2
mA
ICEO
Collector cut-off
current
VCE = -30 V
VCE = -60 V
IB = 0
IB = 0
BD242/242A
BD242B/242C
-0.3
-0.3
mA
IEBO
Emitter cut-off
current
VEB =
-5 V
IC = 0
-1
mA
hFE
Forward current
transfer ratio
VCE =
-4 V
VCE =
-4 V
IC =
-1 A
IC =
-3 A
(see Notes 5 and 6)
25
10
VCE(sat)
Collector-emitter
saturation voltage
IB =
-0.6 A
IC =
-3 A
(see Notes 5 and 6)
-1.2
V
VBE
Base-emitter
voltage
VCE =
-4 V
IC =
-3 A
(see Notes 5 and 6)
-1.8
V
hfe
Small signal forward
current transfer ratio
VCE = -10 V
IC = -0.5 A
f = 1 kHz
20
|h
fe|
Small signal forward
current transfer ratio
VCE = -10 V
IC = -0.5 A
f = 1 MHz
3
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Junction to case thermal resistance
3.125
°C/W
RθJA
Junction to free air thermal resistance
62.5
°C/W
resistive-load-switching characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ton
Turn-on time
IC = -1 A
VBE(off) = 3.7 V
IB(on) = -0.1 A
RL = 20 Ω
IB(off) = 0.1 A
tp = 20 µs, dc ≤ 2%
0.2
µs
toff
Turn-off time
0.3
µs


Podobny numer części - BD242A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
BD242A MOSPEC-BD242A Datasheet
133Kb / 3P
   POWER TRANSISTORS(3A,40W)
logo
New Jersey Semi-Conduct...
BD242A NJSEMI-BD242A Datasheet
90Kb / 2P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
STMicroelectronics
BD242A STMICROELECTRONICS-BD242A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
logo
New Jersey Semi-Conduct...
BD242A NJSEMI-BD242A Datasheet
90Kb / 2P
   COMPLEMENTARY SILICON PLASTIC
logo
Transys Electronics
BD242A TRSYS-BD242A Datasheet
476Kb / 5P
   PNP SILICON POWER TRANSISTOR
More results

Podobny opis - BD242A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com