Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD243B Arkusz danych(PDF) 1 Page - Power Innovations Ltd

Numer części BD243B
Szczegółowy opis  NPN SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POINN [Power Innovations Ltd]
Strona internetowa  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BD243B Arkusz danych(HTML) 1 Page - Power Innovations Ltd

  BD243B Datasheet HTML 1Page - Power Innovations Ltd BD243B Datasheet HTML 2Page - Power Innovations Ltd BD243B Datasheet HTML 3Page - Power Innovations Ltd BD243B Datasheet HTML 4Page - Power Innovations Ltd BD243B Datasheet HTML 5Page - Power Innovations Ltd BD243B Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BD243, BD243A, BD243B, BD243C
NPN SILICON POWER TRANSISTORS
PRODUCT
INFORMATION
1
JUNE 1973 - REVISED MARCH 1997
Copyright © 1997, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
q
Designed for Complementary Use with the
BD244 Series
q
65 W at 25°C Case Temperature
q
6 A Continuous Collector Current
q
10 A Peak Collector Current
q
Customer-Specified Selections Available
B
C
E
TO-220 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRACA
1
2
3
absolute maximum ratings
at 25°C case temperature (unless otherwise noted)
NOTES: 1. This value applies for tp ≤ 0.3 ms, duty cycle ≤ 10%.
2. Derate linearly to 150°C case temperature at the rate of 0.52 W/°C.
3. Derate linearly to 150°C free air temperature at the rate of 16 mW/°C.
4. This rating is based on the capability of the transistor to operate safely in a circuit of: L = 20 mH, IB(on) = 0.4 A, RBE = 100 Ω,
VBE(off) = 0, RS = 0.1 Ω, VCC = 20 V.
RATING
SYMBOL
VALUE
UNIT
Collector-emitter voltage (RBE = 100 Ω)
BD243
BD243A
BD243B
BD243C
VCER
55
70
90
115
V
Collector-emitter voltage (IC = 30 mA)
BD243
BD243A
BD243B
BD243C
VCEO
45
60
80
100
V
Emitter-base voltage
VEBO
5
V
Continuous collector current
IC
6
A
Peak collector current (see Note 1)
ICM
10
A
Continuous base current
IB
3
A
Continuous device dissipation at (or below) 25°C case temperature (see Note 2)
Ptot
65
W
Continuous device dissipation at (or below) 25°C free air temperature (see Note 3)
Ptot
2
W
Unclamped inductive load energy (see Note 4)
½LIC
2
62.5
mJ
Operating junction temperature range
Tj
-65 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
Lead temperature 3.2 mm from case for 10 seconds
TL
250
°C


Podobny numer części - BD243B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
BD243B MOSPEC-BD243B Datasheet
127Kb / 3P
   POWER TRANSISTORS(6A,65W)
logo
Bourns Electronic Solut...
BD243B BOURNS-BD243B Datasheet
1Mb / 4P
   Designed for Complementary Use with the BD244 Series
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
logo
Inchange Semiconductor ...
BD243B ISC-BD243B Datasheet
191Kb / 2P
   isc Silicon NPN Power Transistor
logo
ON Semiconductor
BD243B ONSEMI-BD243B Datasheet
140Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 7
More results

Podobny opis - BD243B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com