Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW23B Arkusz danych(PDF) 1 Page - Power Innovations Ltd

Numer części BDW23B
Szczegółowy opis  NPN SILICON POWER DARLINGTONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POINN [Power Innovations Ltd]
Strona internetowa  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BDW23B Arkusz danych(HTML) 1 Page - Power Innovations Ltd

  BDW23B Datasheet HTML 1Page - Power Innovations Ltd BDW23B Datasheet HTML 2Page - Power Innovations Ltd BDW23B Datasheet HTML 3Page - Power Innovations Ltd BDW23B Datasheet HTML 4Page - Power Innovations Ltd BDW23B Datasheet HTML 5Page - Power Innovations Ltd BDW23B Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BDW23, BDW23A, BDW23B, BDW23C
NPN SILICON POWER DARLINGTONS
PRODUCT
INFORMATION
1
AUGUST 1993 - REVISED MARCH 1997
Copyright © 1997, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
q
Designed for Complementary Use with
BDW24, BDW24A, BDW24B and BDW24C
q
50 W at 25°C Case Temperature
q
6 A Continuous Collector Current
q
Minimum hFE of 750 at 3 V, 2 A
B
C
E
TO-220 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRACA
1
2
3
absolute maximum ratings
at 25°C case temperature (unless otherwise noted)
NOTES: 1. Derate linearly to 150°C case temperature at the rate of 0.4 W/°C.
2. Derate linearly to 150°C free air temperature at the rate of 16 mW/°C.
RATING
SYMBOL
VALUE
UNIT
Collector-base voltage (IE = 0)
BDW23
BDW23A
BDW23B
BDW23C
VCBO
45
60
80
100
V
Collector-emitter voltage (IB = 0)
BDW23
BDW23A
BDW23B
BDW23C
VCEO
45
60
80
100
V
Emitter-base voltage
VEBO
5
V
Continuous collector current
IC
6
A
Continuous base current
IB
0.2
A
Continuous device dissipation at (or below) 25°C case temperature (see Note 1)
Ptot
50
W
Continuous device dissipation at (or below) 25°C free air temperature (see Note 2)
Ptot
2
W
Operating junction temperature range
Tj
-65 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
Operating free-air temperature range
TA
-65 to +150
°C


Podobny numer części - BDW23B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
BDW23B FAIRCHILD-BDW23B Datasheet
38Kb / 5P
   Hammer Drivers, Audio Amplifiers Applications
logo
Bourns Electronic Solut...
BDW23B BOURNS-BDW23B Datasheet
113Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Inchange Semiconductor ...
BDW23B ISC-BDW23B Datasheet
121Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
New Jersey Semi-Conduct...
BDW23B NJSEMI-BDW23B Datasheet
141Kb / 2P
   Silicon NPN Darlington Power Transistor
More results

Podobny opis - BDW23B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Innovations Ltd
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
   NPN SILICON POWER DARLINGTONS
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW63 BOURNS-BDW63 Datasheet
113Kb / 5P
   NPN SILICON POWER DARLINGTONS
BD895A BOURNS-BD895A Datasheet
107Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
TIPL790 POINN-TIPL790 Datasheet
221Kb / 7P
   NPN SILICON POWER DARLINGTONS
logo
Transys Electronics
TIPL790 TRSYS-TIPL790 Datasheet
618Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW53 BOURNS-BDW53 Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
BDT61 BOURNS-BDT61 Datasheet
108Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
BDW53 POINN-BDW53 Datasheet
104Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDV65 NJSEMI-BDV65 Datasheet
89Kb / 2P
   NPN SILICON POWER DARLINGTONS
logo
Micro Commercial Compon...
BDX33 MCC-BDX33 Datasheet
875Kb / 4P
   NPN Silicon Power Darlingtons
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com