Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW53 Arkusz danych(PDF) 2 Page - Power Innovations Ltd

Numer części BDW53
Szczegółowy opis  NPN SILICON POWER DARLINGTONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POINN [Power Innovations Ltd]
Strona internetowa  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BDW53 Arkusz danych(HTML) 2 Page - Power Innovations Ltd

  BDW53 Datasheet HTML 1Page - Power Innovations Ltd BDW53 Datasheet HTML 2Page - Power Innovations Ltd BDW53 Datasheet HTML 3Page - Power Innovations Ltd BDW53 Datasheet HTML 4Page - Power Innovations Ltd BDW53 Datasheet HTML 5Page - Power Innovations Ltd BDW53 Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BDW53, BDW53A, BDW53B, BDW53C, BDW53D
NPN SILICON POWER DARLINGTONS
2
AUGUST 1978 - REVISED MARCH 1997
PRODUCT
INFORMATION
NOTES: 5. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%.
6. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
electrical characteristics at 25°C case temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-emitter
breakdown voltage
IC = 30 mA
IB = 0
(see Note 5)
BDW53
BDW53A
BDW53B
BDW53C
BDW53D
45
60
80
100
120
V
ICEO
Collector-emitter
cut-off current
VCE = 30 V
VCE = 30 V
VCE = 40 V
VCE = 50 V
VCE = 60 V
IB = 0
IB = 0
IB = 0
IB = 0
IB = 0
BDW53
BDW53A
BDW53B
BDW53C
BDW53D
0.5
0.5
0.5
0.5
0.5
mA
ICBO
Collector cut-off
current
VCB = 45 V
VCB = 60 V
VCB = 80 V
VCB = 100 V
VCB = 120 V
VCB = 45 V
VCB = 60 V
VCB = 80 V
VCB = 100 V
VCB = 120 V
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
TC = 150°C
TC = 150°C
TC = 150°C
TC = 150°C
TC = 150°C
BDW53
BDW53A
BDW53B
BDW53C
BDW53D
BDW53
BDW53A
BDW53B
BDW53C
BDW53D
0.2
0.2
0.2
0.2
0.2
5
5
5
5
5
mA
IEBO
Emitter cut-off
current
VEB =
5 V
IC = 0
2
mA
hFE
Forward current
transfer ratio
VCE =
3 V
VCE =
3 V
IC = 1.5 A
IC = 4 A
(see Notes 5 and 6)
750
100
20000
VBE(on)
Base-emitter
voltage
VCE =
3 V
IC = 1.5 A
(see Notes 5 and 6)
2.5
V
VCE(sat)
Collector-emitter
saturation voltage
IB =
30 mA
IB =
40 mA
IC = 1.5 A
IC = 4 A
(see Notes 5 and 6)
2.5
4
V
VEC
Parallel diode
forward voltage
IE =
4 A
IB = 0
3.5
V
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Junction to case thermal resistance
3.125
°C/W
RθJA
Junction to free air thermal resistance
62.5
°C/W
resistive-load-switching characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ton
Turn-on time
IC = 2 A
VBE(off) = -5 V
IB(on) = 8 mA
RL = 15 Ω
IB(off) = -8 mA
tp = 20 µs, dc ≤ 2%
1
µs
toff
Turn-off time
4.5
µs


Podobny numer części - BDW53

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
BDW53 BOURNS-BDW53 Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
BDW53A BOURNS-BDW53A Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
BDW53B BOURNS-BDW53B Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
BDW53C BOURNS-BDW53C Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
BDW53D BOURNS-BDW53D Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
More results

Podobny opis - BDW53

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Innovations Ltd
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
   NPN SILICON POWER DARLINGTONS
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW63 BOURNS-BDW63 Datasheet
113Kb / 5P
   NPN SILICON POWER DARLINGTONS
BD895A BOURNS-BD895A Datasheet
107Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
TIPL790 POINN-TIPL790 Datasheet
221Kb / 7P
   NPN SILICON POWER DARLINGTONS
logo
Transys Electronics
TIPL790 TRSYS-TIPL790 Datasheet
618Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW53 BOURNS-BDW53 Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
BDT61 BOURNS-BDT61 Datasheet
108Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDV65 NJSEMI-BDV65 Datasheet
89Kb / 2P
   NPN SILICON POWER DARLINGTONS
logo
Micro Commercial Compon...
BDX33 MCC-BDX33 Datasheet
875Kb / 4P
   NPN Silicon Power Darlingtons
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com