Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW53 Arkusz danych(PDF) 3 Page - Power Innovations Ltd

Numer części BDW53
Szczegółowy opis  NPN SILICON POWER DARLINGTONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POINN [Power Innovations Ltd]
Strona internetowa  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BDW53 Arkusz danych(HTML) 3 Page - Power Innovations Ltd

  BDW53 Datasheet HTML 1Page - Power Innovations Ltd BDW53 Datasheet HTML 2Page - Power Innovations Ltd BDW53 Datasheet HTML 3Page - Power Innovations Ltd BDW53 Datasheet HTML 4Page - Power Innovations Ltd BDW53 Datasheet HTML 5Page - Power Innovations Ltd BDW53 Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
AUGUST 1978 - REVISED MARCH 1997
BDW53, BDW53A, BDW53B, BDW53C, BDW53D
NPN SILICON POWER DARLINGTONS
PRODUCT
INFORMATION
TYPICAL CHARACTERISTICS
Figure 1.
Figure 2.
Figure 3.
TYPICAL DC CURRENT GAIN
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·5
5·0
1·0
20000
100
1000
10000
TCS110AD
T
C = -40°C
T
C =
25°C
T
C = 100°C
V
CE =
3 V
t
p
= 300 µs, duty cycle < 2%
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·5
5·0
1·0
0
0·5
1·0
1·5
2·0
TCS110AB
T
C = -40°C
T
C =
25°C
T
C = 100°C
t
p
= 300 µs, duty cycle < 2%
I
B
= I
C / 100
BASE-EMITTER SATURATION VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·5
5·0
1·0
0·5
1·0
1·5
2·0
2·5
3·0
TCS110AC
T
C = -40°C
T
C =
25°C
T
C = 100°C
I
B
= I
C / 100
t
p
= 300 µs, duty cycle < 2%


Podobny numer części - BDW53

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
BDW53 BOURNS-BDW53 Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
BDW53A BOURNS-BDW53A Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
BDW53B BOURNS-BDW53B Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
BDW53C BOURNS-BDW53C Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
BDW53D BOURNS-BDW53D Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
More results

Podobny opis - BDW53

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Innovations Ltd
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
   NPN SILICON POWER DARLINGTONS
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW63 BOURNS-BDW63 Datasheet
113Kb / 5P
   NPN SILICON POWER DARLINGTONS
BD895A BOURNS-BD895A Datasheet
107Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
TIPL790 POINN-TIPL790 Datasheet
221Kb / 7P
   NPN SILICON POWER DARLINGTONS
logo
Transys Electronics
TIPL790 TRSYS-TIPL790 Datasheet
618Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW53 BOURNS-BDW53 Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
BDT61 BOURNS-BDT61 Datasheet
108Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDV65 NJSEMI-BDV65 Datasheet
89Kb / 2P
   NPN SILICON POWER DARLINGTONS
logo
Micro Commercial Compon...
BDX33 MCC-BDX33 Datasheet
875Kb / 4P
   NPN Silicon Power Darlingtons
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com