Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW53 Arkusz danych(PDF) 5 Page - Power Innovations Ltd

Numer części BDW53
Szczegółowy opis  NPN SILICON POWER DARLINGTONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POINN [Power Innovations Ltd]
Strona internetowa  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BDW53 Arkusz danych(HTML) 5 Page - Power Innovations Ltd

  BDW53 Datasheet HTML 1Page - Power Innovations Ltd BDW53 Datasheet HTML 2Page - Power Innovations Ltd BDW53 Datasheet HTML 3Page - Power Innovations Ltd BDW53 Datasheet HTML 4Page - Power Innovations Ltd BDW53 Datasheet HTML 5Page - Power Innovations Ltd BDW53 Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BDW53, BDW53A, BDW53B, BDW53C, BDW53D
NPN SILICON POWER DARLINGTONS
5
AUGUST 1978 - REVISED MARCH 1997
PRODUCT
INFORMATION
TO-220
3-pin plastic flange-mount package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic
compound. The compound will withstand soldering temperature with no deformation, and circuit performance
characteristics will remain stable when operated in high humidity conditions. Leads require no additional
cleaning or processing when used in soldered assembly.
MECHANICAL DATA
TO220
ALL LINEAR DIMENSIONS IN MILLIMETERS
ø
1,23
1,32
4,20
4,70
1
2
3
0,97
0,61
see Note C
see Note B
10,0
10,4
2,54
2,95
6,0
6,6
14,55
15,90
12,7
14,1
3,5
6,1
1,07
1,70
2,34
2,74
4,88
5,28
3,71
3,96
0,41
0,64
2,40
2,90
VERSION 2
VERSION 1
NOTES: A. The centre pin is in electrical contact with the mounting tab.
B. Mounting tab corner profile according to package version.
C. Typical fixing hole centre stand off height according to package version.
Version 1, 18.0 mm. Version 2, 17.6 mm.
MDXXBE


Podobny numer części - BDW53

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
BDW53 BOURNS-BDW53 Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
BDW53A BOURNS-BDW53A Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
BDW53B BOURNS-BDW53B Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
BDW53C BOURNS-BDW53C Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
BDW53D BOURNS-BDW53D Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
More results

Podobny opis - BDW53

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Innovations Ltd
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
   NPN SILICON POWER DARLINGTONS
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW63 BOURNS-BDW63 Datasheet
113Kb / 5P
   NPN SILICON POWER DARLINGTONS
BD895A BOURNS-BD895A Datasheet
107Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
TIPL790 POINN-TIPL790 Datasheet
221Kb / 7P
   NPN SILICON POWER DARLINGTONS
logo
Transys Electronics
TIPL790 TRSYS-TIPL790 Datasheet
618Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW53 BOURNS-BDW53 Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
BDT61 BOURNS-BDT61 Datasheet
108Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDV65 NJSEMI-BDV65 Datasheet
89Kb / 2P
   NPN SILICON POWER DARLINGTONS
logo
Micro Commercial Compon...
BDX33 MCC-BDX33 Datasheet
875Kb / 4P
   NPN Silicon Power Darlingtons
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com