Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CX74005 Arkusz danych(PDF) 9 Page - Skyworks Solutions Inc.

Numer części CX74005
Szczegółowy opis  VGA I/Q Demodulator Rx ASIC for Portable Phone Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX74005 Arkusz danych(HTML) 9 Page - Skyworks Solutions Inc.

Back Button CX74005 Datasheet HTML 5Page - Skyworks Solutions Inc. CX74005 Datasheet HTML 6Page - Skyworks Solutions Inc. CX74005 Datasheet HTML 7Page - Skyworks Solutions Inc. CX74005 Datasheet HTML 8Page - Skyworks Solutions Inc. CX74005 Datasheet HTML 9Page - Skyworks Solutions Inc. CX74005 Datasheet HTML 10Page - Skyworks Solutions Inc. CX74005 Datasheet HTML 11Page - Skyworks Solutions Inc. CX74005 Datasheet HTML 12Page - Skyworks Solutions Inc. CX74005 Datasheet HTML 13Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Rx ASIC
CX74005
101252A
Conexant - Preliminary
9
March 13, 2001
Proprietary Information and Specifications Are Subject to Change
-55
-45
-35
-25
-15
-5
5
0.4
0.85
1.3
1.75
2.2
2.65
Control Voltage (Volts)
IIP3-2.7V
IIP3-3.0V
IIP3-3.3V
OIP3-2.7V
OIP3-3.0V
OIP3-3.3V
Figure 15. CDMA IIP3 and OIP3 vs. Control Voltage @ –30 °C
-50
-40
-30
-20
-10
0
10
00.5
11.522.5
3
Control Voltage (Volts)
IIP3-2.7V
OIP3-2.7V
OIP3-3.0V
IIP3-3.0V
IIP3-3.3V
OIP3-3.3V
Figure 17. CDMA IIP3 and OIP3 vs. Control Voltage @ 85 °C
4
5
6
7
8
9
10
11
12
13
2
2.1
2.2
2.3
2.4
2.5
2.6
Control Voltage (Volts)
2.7V
3.0V
3.3V
Figure 19. CDMA Noise Figure vs. Control Voltage @ 25 °C
-55
-45
-35
-25
-15
-5
5
15
25
35
45
55
65
0.4
0.85
1.3
1.75
2.2
2.65
Control Voltage (Vlts)
2.7V
3.0V
3.3V
Figure 16. CDMA VGA vs. Control Voltage @ –30 °C
-55
-45
-35
-25
-15
-5
5
15
25
35
45
55
65
00.5
11.5
2
2.5
3
Control Voltage (Volts)
2.7V
3.0V
3.3V
Figure 18. CDMA VGA vs. Control Voltage @ 85 °C
20
25
30
35
40
45
50
55
2
2.1
2.2
2.3
2.4
2.5
2.6
Control Voltage (Volts)
2.7V
3.0V
3.3V
Figure 20. CDMA VGA vs. Control Voltage @ 25 °C


Podobny numer części - CX74005

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
CX74001 SKYWORKS-CX74001 Datasheet
664Kb / 23P
   Rx ASIC for CDMA, AMPS, and PCS Applications
logo
List of Unclassifed Man...
CX74002 ETC-CX74002 Datasheet
204Kb / 2P
   Silicon Germanium CDMA Transmit/Dual PLL RFlC
More results

Podobny opis - CX74005

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
UPC8190K NEC-UPC8190K Datasheet
58Kb / 5P
   RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
logo
California Eastern Labs
UPC8194K CEL-UPC8194K Datasheet
207Kb / 7P
   RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
UPC8190K CEL-UPC8190K Datasheet
203Kb / 6P
   RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
logo
NEC
UPC8194K NEC-UPC8194K Datasheet
61Kb / 6P
   RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
logo
Mini-Circuits
JCIQ-176D++ MINI-JCIQ-176D+ Datasheet
175Kb / 1P
   I&Q Demodulator
MIQA-21D MINI-MIQA-21D Datasheet
179Kb / 1P
   I&Q Demodulator
ZFMIQ-70D MINI-ZFMIQ-70D Datasheet
205Kb / 1P
   I&Q Demodulator
logo
Toshiba Semiconductor
TA1235FN TOSHIBA-TA1235FN Datasheet
410Kb / 12P
   I/Q DEMODULATOR FOR DIGITAL CATV
logo
Analog Devices
AD9278 AD-AD9278 Datasheet
910Kb / 45P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
AD9279 AD-AD9279 Datasheet
971Kb / 44P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com