Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW64C Arkusz danych(PDF) 5 Page - Power Innovations Ltd

Numer części BDW64C
Szczegółowy opis  PNP SILICON POWER DARLINGTONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POINN [Power Innovations Ltd]
Strona internetowa  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BDW64C Arkusz danych(HTML) 5 Page - Power Innovations Ltd

  BDW64C Datasheet HTML 1Page - Power Innovations Ltd BDW64C Datasheet HTML 2Page - Power Innovations Ltd BDW64C Datasheet HTML 3Page - Power Innovations Ltd BDW64C Datasheet HTML 4Page - Power Innovations Ltd BDW64C Datasheet HTML 5Page - Power Innovations Ltd BDW64C Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BDW64, BDW64A, BDW64B, BDW64C, BDW64D
PNP SILICON POWER DARLINGTONS
5
AUGUST 1978 - REVISED MARCH 1997
PRODUCT
INFORMATION
TO-220
3-pin plastic flange-mount package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic
compound. The compound will withstand soldering temperature with no deformation, and circuit performance
characteristics will remain stable when operated in high humidity conditions. Leads require no additional
cleaning or processing when used in soldered assembly.
MECHANICAL DATA
TO220
ALL LINEAR DIMENSIONS IN MILLIMETERS
ø
1,23
1,32
4,20
4,70
1
2
3
0,97
0,61
see Note C
see Note B
10,0
10,4
2,54
2,95
6,0
6,6
14,55
15,90
12,7
14,1
3,5
6,1
1,07
1,70
2,34
2,74
4,88
5,28
3,71
3,96
0,41
0,64
2,40
2,90
VERSION 2
VERSION 1
NOTES: A. The centre pin is in electrical contact with the mounting tab.
B. Mounting tab corner profile according to package version.
C. Typical fixing hole centre stand off height according to package version.
Version 1, 18.0 mm. Version 2, 17.6 mm.
MDXXBE


Podobny numer części - BDW64C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
BDW64C BOURNS-BDW64C Datasheet
114Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Inchange Semiconductor ...
BDW64C ISC-BDW64C Datasheet
267Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
New Jersey Semi-Conduct...
BDW64C NJSEMI-BDW64C Datasheet
99Kb / 2P
   PNP SILICON POWER DARLINGTONS
More results

Podobny opis - BDW64C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Innovations Ltd
BD896 POINN-BD896 Datasheet
151Kb / 6P
   PNP SILICON POWER DARLINGTONS
TIP115 POINN-TIP115 Datasheet
160Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDT60 TRSYS-BDT60 Datasheet
719Kb / 5P
   PNP SILICON POWER DARLINGTONS
TIP115 TRSYS-TIP115 Datasheet
722Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDV64 BOURNS-BDV64 Datasheet
109Kb / 5P
   PNP SILICON POWER DARLINGTONS
BW24 BOURNS-BW24 Datasheet
114Kb / 5P
   PNP SILICON POWER DARLINGTONS
BDX34 BOURNS-BDX34 Datasheet
123Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
BD646 POINN-BD646 Datasheet
150Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW54 BOURNS-BDW54 Datasheet
120Kb / 5P
   PNP SILICON POWER DARLINGTONS
BDV64-S BOURNS-BDV64-S Datasheet
110Kb / 4P
   PNP SILICON POWER DARLINGTONS
BDX54 BOURNS-BDX54 Datasheet
115Kb / 5P
   PNP SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com