Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW83 Arkusz danych(PDF) 1 Page - Power Innovations Ltd

Numer części BDW83
Szczegółowy opis  NPN SILICON POWER DARLINGTONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POINN [Power Innovations Ltd]
Strona internetowa  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BDW83 Arkusz danych(HTML) 1 Page - Power Innovations Ltd

  BDW83 Datasheet HTML 1Page - Power Innovations Ltd BDW83 Datasheet HTML 2Page - Power Innovations Ltd BDW83 Datasheet HTML 3Page - Power Innovations Ltd BDW83 Datasheet HTML 4Page - Power Innovations Ltd BDW83 Datasheet HTML 5Page - Power Innovations Ltd BDW83 Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BDW83, BDW83A, BDW83B, BDW83C, BDW83D
NPN SILICON POWER DARLINGTONS
PRODUCT
INFORMATION
1
AUGUST 1978 - REVISED MARCH 1997
Copyright © 1997, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
q
Designed for Complementary Use with
BDW84, BDW84A, BDW84B, BDW84C and
BDW84D
q
150 W at 25°C Case Temperature
q
15 A Continuous Collector Current
q
Minimum hFE of 750 at 3 V, 6 A
SOT-93 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRAA
B
C
E
1
2
3
absolute maximum ratings
at 25°C case temperature (unless otherwise noted)
NOTES: 1. These values apply when the base-emitter diode is open circuited.
2. Derate linearly to 150°C case temperature at the rate of 1.2 W/°C.
3. Derate linearly to 150°C free air temperature at the rate of 28 mW/°C.
4. This rating is based on the capability of the transistor to operate safely in a circuit of: L = 20 mH, IB(on) = 5 mA, RBE = 100 Ω,
VBE(off) = 0, RS = 0.1 Ω, VCC = 20 V.
RATING
SYMBOL
VALUE
UNIT
Collector-base voltage (IE = 0)
BDW83
BDW83A
BDW83B
BDW83C
BDW83D
VCBO
45
60
80
100
120
V
Collector-emitter voltage (IB = 0) (see Note 1)
BDW83
BDW83A
BDW83B
BDW83C
BDW83D
VCEO
45
60
80
100
120
V
Emitter-base voltage
VEBO
5
V
Continuous collector current
IC
15
A
Continuous base current
IB
0.5
A
Continuous device dissipation at (or below) 25°C case temperature (see Note 2)
Ptot
150
W
Continuous device dissipation at (or below) 25°C free air temperature (see Note 3)
Ptot
3.5
W
Unclamped inductive load energy (see Note 4)
½LIC
2
100
mJ
Operating junction temperature range
Tj
-65 to +150
°C
Operating temperature range
Tstg
-65 to +150
°C
Operating free-air temperature range
TA
-65 to +150
°C


Podobny numer części - BDW83

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
BDW83 BOURNS-BDW83 Datasheet
120Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Savantic, Inc.
BDW83 SAVANTIC-BDW83 Datasheet
147Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BDW83 ISC-BDW83 Datasheet
136Kb / 3P
   Silicon NPN Power Transistors
logo
Comset Semiconductor
BDW83 COMSET-BDW83 Datasheet
121Kb / 3P
   NPN SILICON DARLINGTONS POWER TRANSISTORS
logo
Bourns Electronic Solut...
BDW83 BOURNS-BDW83 Datasheet
282Kb / 5P
   NPN SILICON POWER DARLINGTONS
More results

Podobny opis - BDW83

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Innovations Ltd
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
   NPN SILICON POWER DARLINGTONS
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW63 BOURNS-BDW63 Datasheet
113Kb / 5P
   NPN SILICON POWER DARLINGTONS
BD895A BOURNS-BD895A Datasheet
107Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
TIPL790 POINN-TIPL790 Datasheet
221Kb / 7P
   NPN SILICON POWER DARLINGTONS
logo
Transys Electronics
TIPL790 TRSYS-TIPL790 Datasheet
618Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW53 BOURNS-BDW53 Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
BDT61 BOURNS-BDT61 Datasheet
108Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
BDW53 POINN-BDW53 Datasheet
104Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDV65 NJSEMI-BDV65 Datasheet
89Kb / 2P
   NPN SILICON POWER DARLINGTONS
logo
Micro Commercial Compon...
BDX33 MCC-BDX33 Datasheet
875Kb / 4P
   NPN Silicon Power Darlingtons
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com