Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW94 Arkusz danych(PDF) 2 Page - Power Innovations Ltd

Numer części BDW94
Szczegółowy opis  PNP SILICON POWER DARLINGTONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POINN [Power Innovations Ltd]
Strona internetowa  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BDW94 Arkusz danych(HTML) 2 Page - Power Innovations Ltd

  BDW94 Datasheet HTML 1Page - Power Innovations Ltd BDW94 Datasheet HTML 2Page - Power Innovations Ltd BDW94 Datasheet HTML 3Page - Power Innovations Ltd BDW94 Datasheet HTML 4Page - Power Innovations Ltd BDW94 Datasheet HTML 5Page - Power Innovations Ltd BDW94 Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BDW94, BDW94A, BDW94B, BDW94C
PNP SILICON POWER DARLINGTONS
2
SEPTEMBER 1993 - REVISED MARCH 1997
PRODUCT
INFORMATION
NOTES: 3. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%.
4. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
electrical characteristics at 25°C case temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-emitter
breakdown voltage
IC = -100 mA
IB = 0
(see Note 3)
BDW94
BDW94A
BDW94B
BDW94C
-45
-60
-80
-100
V
ICEO
Collector-emitter
cut-off current
VCB = -40 V
VCB = -60 V
VCB = -80 V
VCB = -80 V
IB = 0
IB = 0
IB = 0
IB = 0
BDW94
BDW94A
BDW94B
BDW94C
-1
-1
-1
-1
mA
ICBO
Collector cut-off
current
VCB = -45 V
VCB = -60 V
VCB = -80 V
VCB = -100 V
VCB = -45 V
VCB = -60 V
VCB = -80 V
VCB = -100 V
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
TC = 150°C
TC = 150°C
TC = 150°C
TC = 150°C
BDW94
BDW94A
BDW94B
BDW94C
BDW94
BDW94A
BDW94B
BDW94C
-0.1
-0.1
-0.1
-0.1
-5
-5
-5
-5
mA
IEBO
Emitter cut-off
current
VEB =
-5 V
IC = 0
-2
mA
hFE
Forward current
transfer ratio
VCE =
-3 V
VCE =
-3 V
VCE =
-3 V
IC = -3 A
IC = -10 A
IC = -5 A
(see Notes 3 and 4)
1000
100
750
20000
VCE(sat)
Collector-emitter
saturation voltage
IB =
-20 mA
IB = -100 mA
IC = -5 A
IC = -10 A
(see Notes 3 and 4)
-2
-3
V
VBE(sat)
Base-emitter
saturation voltage
IB =
-20 mA
IB = -100 mA
IC = -5 A
IC = -10 A
(see Notes 3 and 4)
-2.5
-4
V
VEC
Parallel diode
forward voltage
IE =
-5 A
IE =
-10 A
IB = 0
IB = 0
-2
-4
V
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Junction to case thermal resistance
1.56
°C/W
RθJA
Junction to free air thermal resistance
62.5
°C/W


Podobny numer części - BDW94

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
BDW94 MOSPEC-BDW94 Datasheet
183Kb / 4P
   POWER TRANSISTORS(12A,45-100V,80W)
logo
Transys Electronics
BDW94 TRSYS-BDW94 Datasheet
689Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Fairchild Semiconductor
BDW94 FAIRCHILD-BDW94 Datasheet
39Kb / 5P
   Power Linear and Switching Applications
BDW94 FAIRCHILD-BDW94 Datasheet
43Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
Bourns Electronic Solut...
BDW94 BOURNS-BDW94 Datasheet
111Kb / 5P
   PNP SILICON POWER DARLINGTONS
More results

Podobny opis - BDW94

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Innovations Ltd
BD896 POINN-BD896 Datasheet
151Kb / 6P
   PNP SILICON POWER DARLINGTONS
TIP115 POINN-TIP115 Datasheet
160Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDT60 TRSYS-BDT60 Datasheet
719Kb / 5P
   PNP SILICON POWER DARLINGTONS
TIP115 TRSYS-TIP115 Datasheet
722Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDV64 BOURNS-BDV64 Datasheet
109Kb / 5P
   PNP SILICON POWER DARLINGTONS
BW24 BOURNS-BW24 Datasheet
114Kb / 5P
   PNP SILICON POWER DARLINGTONS
BDX34 BOURNS-BDX34 Datasheet
123Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
BD646 POINN-BD646 Datasheet
150Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW54 BOURNS-BDW54 Datasheet
120Kb / 5P
   PNP SILICON POWER DARLINGTONS
BDV64-S BOURNS-BDV64-S Datasheet
110Kb / 4P
   PNP SILICON POWER DARLINGTONS
BDX54 BOURNS-BDX54 Datasheet
115Kb / 5P
   PNP SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com