Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI3400-X-GM Arkusz danych(PDF) 6 Page - Silicon Laboratories

Numer części SI3400-X-GM
Szczegółowy opis  FULLY-INTEGRATED 802.3-COMPLIANT PD INTERFACE AND SWITCHING REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3400-X-GM Arkusz danych(HTML) 6 Page - Silicon Laboratories

Back Button SI3400-X-GM Datasheet HTML 2Page - Silicon Laboratories SI3400-X-GM Datasheet HTML 3Page - Silicon Laboratories SI3400-X-GM Datasheet HTML 4Page - Silicon Laboratories SI3400-X-GM Datasheet HTML 5Page - Silicon Laboratories SI3400-X-GM Datasheet HTML 6Page - Silicon Laboratories SI3400-X-GM Datasheet HTML 7Page - Silicon Laboratories SI3400-X-GM Datasheet HTML 8Page - Silicon Laboratories SI3400-X-GM Datasheet HTML 9Page - Silicon Laboratories SI3400-X-GM Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Si3400/Si3401
6
Rev. 0.9
Table 4. Electrical Characteristics
Parameter
Description
Min
Typ
Max
Unit
VPORT
Detection
2.7
11
V
Classification
14
22
UVLO Turn Off
42
UVLO Turn On
30
36
Transient Surge1
62
79
Input Offset Current
VPORT < 10 V
10
µA
Diode bridge leakage
VPORT = 57 V
25
µA
IPORT Classification2
Class 0
0
4
mA
Class 1
9
12
Class 2
17
20
Class 3
26
30
Class 4
36
44
IPORT Operating Current3
36 V < VPORT < 57 V
2
3.1
mA
Current Limit4
Inrush
130
mA
Operating
350 (Si3400)
470 (Si3401)
525
550
—mA
Hotswap FET On-Resistance +
RSENSE
36 V < VPORT < 57 V
0.5
1.4
Power loss VPORT Threshold
27
30
33
V
Switcher Frequency
350
kHz
Maximum Switcher Duty Cycle5
ISOSSFT connected to
VDD
—50
%
Switching FET On-Resistance
0.3
0.86
Regulated Feedback @ pin FB6
DC Avg.
1.23
V
Regulated Output Voltage Tolerance6
Output voltage tolerance @
VOUT
–5
5
%
Notes:
1. Transient surge defined in IEC60060 as a 1000 V impulse of either polarity applied to CT1–CT2 or SP1–SP2. The
shape of the impulse shall have a 300 ns full rise time and a 50 µs half fall time with 201
Ω source impedance.
2. The classification currents are guaranteed only when recommended RCLASS resistors are used, as specified in
Table 10.
3. IPORT includes full operating current of switching regulator controller.
4. The PD interface includes dual-level input current limit. At turn-on, before the HSO load capacitor is charged, the
current limit is set at the inrush level. After the capacitor has been charged within ~1.25 V of VNEG, the operating
current limit is engaged. This higher current limit remains active until the UVLO lower limit has been tripped or until the
hotswap switch is sufficiently current-limited to cause a foldback of the HSO voltage.
5. See “AN296: Using the Si3400/01 PoE PD Controller in Isolated and Non-Isolated Designs” for more information.
6. Applies to non-isolated applications only (VOUT on schematic in Figure 1).


Podobny numer części - SI3400-X-GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI3400-X-GM SILABS-SI3400-X-GM Datasheet
458Kb / 20P
   Support non-isolated and isolated switching topologies Comprehensive protection circuitry
More results

Podobny opis - SI3400-X-GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SI3400-GM ETC2-SI3400-GM Datasheet
458Kb / 20P
   FULLY-INTEGRATED 802.3-COMPLIANT PD INTERFACE AND SWITCHING REGULATOR
SI3402 ETC2-SI3402 Datasheet
261Kb / 22P
   FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE
logo
Silicon Laboratories
SI3402-B SILABS-SI3402-B Datasheet
1Mb / 21P
   FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
logo
Skyworks Solutions Inc.
SI3402-B SKYWORKS-SI3402-B Datasheet
1Mb / 22P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Rev. 1.1
SI3402-C SKYWORKS-SI3402-C Datasheet
1Mb / 21P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Revision 0.4 to Revision 1.0
logo
Silicon Laboratories
SI3402-C SILABS-SI3402-C Datasheet
596Kb / 21P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
logo
Skyworks Solutions Inc.
SI3404 SKYWORKS-SI3404 Datasheet
474Kb / 26P
   Fully-Integrated IEEE 802.3 Type 1-Compliant POE PD Interface and High-Efficiency Switching Regulator with Compact Footprint
Revision 0.5 February, 2018
SI3406X SKYWORKS-SI3406X Datasheet
920Kb / 37P
   Fully-Integrated IEEE 802.3-Compliant POE PD Interface and High-Efficiency Switching Regulators with Sleep, Wake, and LED Drive
Revision 1.1 July, 2022
logo
Linear Technology
LTC4267 LINER-LTC4267_15 Datasheet
2Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267-3 LINER-LTC4267-3_15 Datasheet
394Kb / 34P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com