Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI3230M-KT Arkusz danych(PDF) 1 Page - Silicon Laboratories

Numer części SI3230M-KT
Szczegółowy opis  PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3230M-KT Arkusz danych(HTML) 1 Page - Silicon Laboratories

  SI3230M-KT Datasheet HTML 1Page - Silicon Laboratories SI3230M-KT Datasheet HTML 2Page - Silicon Laboratories SI3230M-KT Datasheet HTML 3Page - Silicon Laboratories SI3230M-KT Datasheet HTML 4Page - Silicon Laboratories SI3230M-KT Datasheet HTML 5Page - Silicon Laboratories SI3230M-KT Datasheet HTML 6Page - Silicon Laboratories SI3230M-KT Datasheet HTML 7Page - Silicon Laboratories SI3230M-KT Datasheet HTML 8Page - Silicon Laboratories SI3230M-KT Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
Preliminary Rev. 0.96 7/05
Copyright © 2005 by Silicon Laboratories
Si3230
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Si3230
PROSLIC® PROGRAMMABLE CMOS SLIC WITH
RINGING/BATTERY VOLTAGE GENERATION
Features
Applications
Description
The Si3230 ProSLIC® is a low-voltage CMOS device that provides a multi-functional
subscriber line interface ideal for customer premise equipment (CPE) applications.
The ProSLIC integrates subscriber line interface circuit (SLIC) and battery generation
functionality into a single CMOS integrated circuit. The integrated battery supply
continuously adapts its output voltage to minimize power and enables the entire
solution to be powered from a single 3.3 V (Si3230M only) or 5 V supply. The ProSLIC
controls the phone line through Silicon Labs’ Si3201 Linefeed IC or discrete circuitry.
Si3230 features include software-configurable 5 REN internal ringing up to 90 VPK,
DTMF generation and decoding, and a comprehensive set of telephony signaling
capabilities for operation with only one hardware solution. The ProSLIC is packaged in
a 38-pin QFN or TSSOP, and the Si3201 is packaged in a thermally-enhanced 16-pin
SOIC.
Functional Block Diagram
Software Programmable SLIC with
codec interface
Software programmable internal
balanced ringing up to 90 VPK
(5 REN up to 4 kft, 3 REN up to 8 kft)
Integrated battery supply with dynamic
voltage output
On-chip dc-dc converter continuously
minimizes power in all operating modes
Entire solution can be powered from a
single 3.3 V or 5 V supply
3.3 V to 35 V dc input range
Dynamic 0 V to –94.5 V output
Software programmable linefeed
parameters:
Ringing frequency, amplitude, cadence,
and waveshape
2-wire ac impedance
constant current feed (20 to 41 mA)
Loop closure and ring trip thresholds and
filtering
Software programmable signal
generation and audio processing:
DTMF generation and decoding
12 kHz/16 kHz pulse metering
generation
Phase-continuous FSK (caller ID)
generation
Dual audio tone generators
Smooth and abrupt polarity reversal
Extensive test and diagnostic
features
Realtime dc linefeed measurement
GR-909 line test capabilities
SPI control interface
Extensive programmable interrupts
100% software configurable global
solution
Lead-Free and RoHS-compliant
package options available
Interface to Broadcom devices
BCM11xx residential gateway
BCM3341 VOIP processor
BCM33xx cable modem
Voice over IP
Terminal adapters
Fixed cellular terminal
Tone Generators
FSK Caller ID
Pulse Metering
Impedance Synth
DTMF Decoder
Ringing Generator
Loop Closure Detect
Ring Trip Detect Line
Diagnostics
SLIC
Linefeed Control
Linefeed Monitor
DC–DC Converter Controller
Linefeed
Interface
Battery
Si3230
Tip
Ring
RESET
INT
CS
SCLK
SDO
SDI
FSYNC
PCLK
Patents pending
U.S. Patent #6,567,521
U.S. Patent #6,812,744
Other patents pending
Ordering Information
See page 103.
Pin Assignments
QFN Package
27
28
29
30
31
34 33 32
1
2
3
4
5
6
7
8
9
10
11
12 13
26
25
14
35
36
37
38
15 16 17 18 19
24
23
22
21
20
NC
FSYNC
RESET
SDCH
SDCL
VDDA1
IREF
CAPP
QGND
CAPM
STIPDC
SRINGDC
IGMP
IRINGN
IRINGP
VDDA2
ITIPP
ITIPN
VDDD
GNDD
DCFF
DCDRV
SDITHRU
TEST1


Podobny numer części - SI3230M-KT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
Si3230M-KT SILABS-Si3230M-KT Datasheet
1Mb / 108P
   PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
More results

Podobny opis - SI3230M-KT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3215 SILABS-SI3215 Datasheet
1Mb / 118P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3230M-E-FMR SILABS-SI3230M-E-FMR Datasheet
1Mb / 108P
   PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
List of Unclassifed Man...
SI3210 ETC-SI3210 Datasheet
1Mb / 122P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3210-FT SILABS-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
logo
Silicon image
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Silicon Laboratories
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com