Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4730 Arkusz danych(PDF) 2 Page - Silicon Laboratories

Numer części SI4730
Szczegółowy opis  Broadcast AM/FM Radio Receiver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4730 Arkusz danych(HTML) 2 Page - Silicon Laboratories

  SI4730 Datasheet HTML 1Page - Silicon Laboratories SI4730 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AM/FM Receiver
Copyright © 2007 by Silicon Laboratories
6.15.07
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders.
Si4730/31
Broadcast AM/FM Radio Receiver
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input Frequency
fRF
76
108
MHz
Sensitivity headphone matching
(S+N)/N = 26 dB
2.2
µV EMF
Sensitivity 50
Ω matching
(S+N)/N = 26 dB
1.1
µV EMF
Input IP3
|f2 – f1| > 1 MHz; f0 = 2 x f1 – f2
105
dBµV EMF
Adjacent Channel Selectivity
±200 kHz
50
dB
Alternate Channel Selectivity
±400 kHz
70
dB
Audio Band Limits
±1.5 dB
30
15k
Hz
Audio S/N
63
dB
Audio THD
0.1
%
Audio Output Voltage
72
80
90
mVrms
Supply Voltage*
VD, VA
2.7
5.5
V
Interface Supply Voltage*
VIO
1.5
3.6
V
Powerdown Current*
IPD
10
µA
*Note: Applies to both FM and AM modes.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input Frequency
fRF
520
1710
kHz
Sensitivity
(S+N)/N = 26 dB
38
µV EMF
Audio S/N
58
dB
Audio THD
0.1
%
Audio Output Voltage
54
60
66
mVrms
Antenna Inductance
180
600
µH
Selected FM Electrical Specifications
Selected AM Electrical Specifications
Pin Assignments
GND
PAD
1
2
3
17
18
19
20
11
12
13
14
6
7
8
9
4
5
16
10
15 NC
LOUT
ROUT
GND
RST
NC
AMI
VDD
FMI
RFGND
3 x 3 x 0.55 mm, 20-pin QFN Package Information
Symbol
Millimeters
Symbol
Millimeters
Min
Nom
Max
Min
Nom
Max
A
0.50
0.55
0.60
f
2.53 BSC
A1
0.00
0.02
0.05
L
0.35
0.40
0.45
b
0.18
0.25
0.30
L1
0.00
0.10
c
0.27
0.32
0.37
aaa
0.10
D
3.00 BSC
bbb
0.10
D2
1.60
1.70
1.80
ccc
0.08
e
0.50 BSC
ddd
0.10
E
3.00 BSC
eee
0.10
E2
1.60
1.70
1.80


Podobny numer części - SI4730

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
Si4730 SILABS-Si4730 Datasheet
194Kb / 24P
   BROADCAST MULTI-BAND RADIO RECEIVER
Si4730 SILABS-Si4730 Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730 SILABS-SI4730 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4730 SILABS-SI4730 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4730 SILABS-SI4730 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
More results

Podobny opis - SI4730

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
SI4736-C40 SILABS-SI4736-C40 Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4736-C40-GUR SILABS-SI4736-C40-GUR Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D50 SILABS-SI4730-D50 Datasheet
557Kb / 34P
   BROADCAST AM/FM RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D50 SKYWORKS-SI4730-D50 Datasheet
413Kb / 33P
   BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
logo
Silicon Laboratories
SI4730-C40-GM SILABS-SI4730-C40-GM Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4830 SILABS-SI4830 Datasheet
1Mb / 3P
   Broadcast Mechanical Tuning AM/FM Radio Receiver
SI4730-D60-GU SILABS-SI4730-D60-GU Datasheet
1Mb / 42P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D60 SKYWORKS-SI4730-D60 Datasheet
503Kb / 40P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
Revision 1.0 to Revision 1.1
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com