Zakładka z wyszukiwarką danych komponentów |
|
SI533PB00100DGR Arkusz danych(PDF) 3 Page - Silicon Laboratories |
|
SI533PB00100DGR Arkusz danych(HTML) 3 Page - Silicon Laboratories |
3 / 12 page Si533 Rev. 1.1 3 Total Stability Temp stability = ±7 ppm — — ±20 ppm Temp stability = ±20 ppm — — ±31.5 ppm Temp stability = ±50 ppm — — ±61.5 ppm Powerup Time4 tOSC —— 10 ms Settling Time After FS Change tFRQ —— 10 ms Table 3. CLK± Output Levels and Symmetry Parameter Symbol Test Condition Min Typ Max Units LVPECL Output Option1 VO mid-level VDD – 1.42 — VDD – 1.25 V VOD swing (diff) 1.1 — 1.9 VPP VSE swing (single-ended) 0.55 — 0.95 VPP LVDS Output Option2 VO mid-level 1.125 1.20 1.275 V VOD swing (diff) 0.5 0.7 0.9 VPP CML Output Option2 VO mid-level — VDD – 0.75 — V VOD swing (diff) 0.70 0.95 1.20 VPP CMOS Output Option3 VOH IOH =32mA 0.8 x VDD — VDD V VOL IOL =32mA — — 0.4 Rise/Fall time (20/80%) tR, tF LVPECL/LVDS/CML — — 350 ps CMOS with CL =15pF — 1 — ns Symmetry (duty cycle) SYM LVPECL: VDD – 1.3 V (diff) LVDS: 1.25 V (diff) CMOS: VDD/2 45 — 55 % Notes: 1. 50 Ω to VDD – 2.0 V. 2. Rterm = 100 Ω (differential). 3. CL = 15 pF Table 2. CLK± Output Frequency Characteristics (Continued) Parameter Symbol Test Condition Min Typ Max Units Notes: 1. See Section 3. "Ordering Information" on page 7 for further details. 2. Specified at time of order by part number. Also available in frequencies from 970 to 1134 MHz and 1213 to 1417 MHz. 3. Selectable parameter specified by part number. 4. Time from powerup or tristate mode to fO. |
Podobny numer części - SI533PB00100DGR |
|
Podobny opis - SI533PB00100DGR |