Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI3201-BS Arkusz danych(PDF) 9 Page - Silicon Laboratories

Numer części SI3201-BS
Szczegółowy opis  PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3201-BS Arkusz danych(HTML) 9 Page - Silicon Laboratories

Back Button SI3201-BS Datasheet HTML 5Page - Silicon Laboratories SI3201-BS Datasheet HTML 6Page - Silicon Laboratories SI3201-BS Datasheet HTML 7Page - Silicon Laboratories SI3201-BS Datasheet HTML 8Page - Silicon Laboratories SI3201-BS Datasheet HTML 9Page - Silicon Laboratories SI3201-BS Datasheet HTML 10Page - Silicon Laboratories SI3201-BS Datasheet HTML 11Page - Silicon Laboratories SI3201-BS Datasheet HTML 12Page - Silicon Laboratories SI3201-BS Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 108 page
background image
Si3230
Preliminary Rev. 0.96
9
Table 7. Si3230 DC Characteristics, VDDA = VDDD = 3.3 V
(VDDA,VDDD = 3.13 V to 3.47 V, TA = 0 to 70°C for K-Grade, –40 to 85°C for B-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
High Level Input Voltage
VIH
0.7 x VDDD
——
V
Low Level Input Voltage
VIL
——
0.3 x VDD
D
V
High Level Output Voltage
VOH
DIO1,DIO2,SDITHRU:IO = –2 mA
SDO:IO = –4 mA
VDDD – 0.6
V
DOUT: IO = –40 mA
VDDD – 0.8
V
Low Level Output Voltage
VOL
DIO1,DIO2,DOUT,SDITHRU:
IO = 2 mA
SDO,INT:IO = 4 mA
——
0.4
V
Input Leakage Current
IL
–10
10
µA
Table 8. Power Supply Characteristics
(VDDA,VDDD = 3.13 V to 5.25 V, TA = 0 to 70°C for K-Grade, –40 to 85°C for B-Grade)
Parameter
Symbol
Test Condition
Typ1
Typ2
Max
Unit
Power Supply Current,
Analog and Digital
IA + ID
Sleep (RESET = 0)
0.10.130.2
mA
Open
33
42.8
49
mA
Active on-hook
ETBO = 4 mA, codec and Gm
amplifier powered down
37
53
68
mA
Active OHT
ETBO = 4 mA
57
72
83
mA
Active off-hook
ETBA = 4 mA, ILIM = 20 mA
73
88
99
mA
Ground-start
36
47
55
mA
Ringing
Sinewave, REN = 1, VPK = 56 V
455565
mA
VDD Supply Current (Si3201)
IVDD
Sleep mode, RESET = 0
100
µA
Open (high impedance)
100
µA
Active on-hook standby
110
µA
Forward/reverse active off-hook, no
ILOOP, ETBO = 4 mA, VBAT = –24 V
—1—
mA
Forward/reverse OHT, ETBO = 4 mA,
VBAT = –70 V
—1—
mA


Podobny numer części - SI3201-BS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI3201-BS SILABS-SI3201-BS Datasheet
1Mb / 118P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
Si3201-BS SILABS-Si3201-BS Datasheet
1Mb / 108P
   PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
More results

Podobny opis - SI3201-BS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3215 SILABS-SI3215 Datasheet
1Mb / 118P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3230M-E-FMR SILABS-SI3230M-E-FMR Datasheet
1Mb / 108P
   PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
List of Unclassifed Man...
SI3210 ETC-SI3210 Datasheet
1Mb / 122P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3210-FT SILABS-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
logo
Silicon image
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Silicon Laboratories
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com