Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI5316 Arkusz danych(PDF) 11 Page - Silicon Laboratories

Numer części SI5316
Szczegółowy opis  PRELIMINARY DATA SHEET PRECISION CLOCK JITTER ATTENUATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5316 Arkusz danych(HTML) 11 Page - Silicon Laboratories

Back Button SI5316 Datasheet HTML 7Page - Silicon Laboratories SI5316 Datasheet HTML 8Page - Silicon Laboratories SI5316 Datasheet HTML 9Page - Silicon Laboratories SI5316 Datasheet HTML 10Page - Silicon Laboratories SI5316 Datasheet HTML 11Page - Silicon Laboratories SI5316 Datasheet HTML 12Page - Silicon Laboratories SI5316 Datasheet HTML 13Page - Silicon Laboratories SI5316 Datasheet HTML 14Page - Silicon Laboratories SI5316 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Si5316
Preliminary Rev. 0.24
11
4. Package Outline: 36-Lead QFN
Figure 3 illustrates the package details for the Si5316. Table 4 lists the values for the dimensions shown in the
illustration.
Figure 3. 36-Pin Quad Flat No-lead (QFN)
Table 4. Package Dimensions
Symbol
Millimeters
Symbol
Millimeters
Min
Nom
Max
Min
Nom
Max
A
0.80
0.85
0.90
L
0.50
0.60
0.75
A1
0.00
0.01
0.05
θ
——
12º
b
0.18
0.23
0.30
aaa
0.10
D
6.00 BSC
bbb
0.10
D2
3.95
4.10
4.25
ccc
0.05
e
0.50 BSC
ddd
0.10
E
6.00 BSC
eee
0.05
E2
3.95
4.10
4.25
Notes:
1. All dimensions shown are in millimeters (mm) unless otherwise noted.
2. Dimensioning and Tolerancing per ANSI Y14.5M-1994.
3. This drawing conforms to JEDEC outline MO-220, variation VJJD.
4. Recommended card reflow profile is per the JEDEC/IPC J-STD-020C specification for Small Body
Components.


Podobny numer części - SI5316

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
Si5316 SILABS-Si5316 Datasheet
341Kb / 50P
   Pin-Controlled 1_710 MHz Jitter Cleaning Clock
logo
Skyworks Solutions Inc.
SI5316 SKYWORKS-SI5316 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
SI5316 SKYWORKS-SI5316 Datasheet
1Mb / 26P
   PRECISION CLOCK JITTER ATTENUATOR
Rev. 1.0
SI5316-C-GM SKYWORKS-SI5316-C-GM Datasheet
1Mb / 26P
   PRECISION CLOCK JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5316-EVB SILABS-SI5316-EVB Datasheet
1Mb / 26P
   The Si531x/2x Any-Frequency Precision Clocks
More results

Podobny opis - SI5316

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI5316 SKYWORKS-SI5316 Datasheet
1Mb / 26P
   PRECISION CLOCK JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5366 SKYWORKS-SI5366 Datasheet
613Kb / 31P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5326 SKYWORKS-SI5326 Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5326 SILABS-SI5326 Datasheet
619Kb / 16P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5326C-C-GM SILABS-SI5326C-C-GM Datasheet
381Kb / 72P
   ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5324 SKYWORKS-SI5324 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com